Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2418 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2418
Description  LOW CURRENT LNA/MIXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2418 Datasheet HTML 1Page - RF Micro Devices RF2418 Datasheet HTML 2Page - RF Micro Devices RF2418 Datasheet HTML 3Page - RF Micro Devices RF2418 Datasheet HTML 4Page - RF Micro Devices RF2418 Datasheet HTML 5Page - RF Micro Devices RF2418 Datasheet HTML 6Page - RF Micro Devices RF2418 Datasheet HTML 7Page - RF Micro Devices RF2418 Datasheet HTML 8Page - RF Micro Devices RF2418 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF2418
Rev A7 DS060203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 7
V
DC
Input LO and RF Levels
+6
dBm
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=5V, RF=850MHz,
LO=921MHz
RF Frequency Range
400 to 1100
MHz
Cascade Power Gain
23
dB
High impedance output
Cascade IP3
-13
dBm
Referenced to the input
Cascade Noise Figure
2.4
dB
Single sideband, includes image filter with
1.0dB insertion loss
First Section (LNA)
Noise Figure
1.8
2.0
dB
Input VSWR
1.5:1
With external series matching inductor
Input IP3
+3.0
+4.0
dBm
Gain
13
14
dB
Reverse Isolation
40
dB
Output VSWR
1.5:1
Second Section (RF Amp,
Mixer, IF1)
High impedance output
Noise Figure
9.5
dB
Single Sideband
Input VSWR
1.5:1
With external series matching inductor
Input IP3
+1
dBm
Conversion Power Gain
7
9
dB
Output Impedance
4000||10pF
Ω
Open Collector
Second Section (RF Amp,
Mixer, IF2)
Buffered output, 50
Ω load
Noise Figure
10
dB
Single Sideband
Input VSWR
1.5:1
With external series matching inductor
Input IP3
-0.5
0
dBm
Conversion Gain
5
6
dB
Output Impedance
30
Ω
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com