Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1AL-SMA-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ES1AL-SMA-R
Description  1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ES1AL-SMA-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ES1AL-SMA-R Datasheet HTML 1Page - Unisonic Technologies ES1AL-SMA-R Datasheet HTML 2Page - Unisonic Technologies ES1AL-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ES1A THRU ES1J
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R601-236.E
TYPICAL CHARACTERISTICS
DErating Cureve Output Rectified
Current
1.0
0.8
0.6
0.2
0
20
40
60
80 100 120
160
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
Lead Temperature (°C)
Maximum Non-Repetitive Peak Forward
Surge Current Perleg
1
10
100
Number of Cycles
0.4
Typical Forward Voltage Characteristics
20
10
1
0.1
0.01
0.2
0.6
1.0
1.4
1.8 2.0
Instantaneous Forward Voltage (V)
Typical Reverse Leakage Characteristics
1000
10
1
0.1
0.01
0
20
40
60
100
140
Percent of Rated Peak Reverse Voltage (%)
140
0
5
15
35
30
20
10
25
f=60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25°C
PULSE WIDTH=300s
1%DUTY CYCLE
TJ=125°C
TJ=25°C
80
120
1Cycle
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com