Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1AG-CA2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ES1AG-CA2-R
Description  1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ES1AG-CA2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ES1AG-CA2-R Datasheet HTML 1Page - Unisonic Technologies ES1AG-CA2-R Datasheet HTML 2Page - Unisonic Technologies ES1AG-CA2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ES1A THRU ES1J
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-236.E
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
RATINGS
PARAMETER
SYMBOL
ES1A ES1B ES1C ES1D ES1E ES1G ES1J
UNIT
Peak Repetitive Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Average Rectified Output Current TA=75°C
IO
1.0
A
Peak Forward Surge Current, 8.3ms Single
Half Sine-Wave Superimposed on Rated
Load
IFSM
30
A
Operating Junction Temperature Range
TJ
-55 ~ +150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SMA
80
°С/W
Junction to Ambient
SOD-123
θJA
160
°С/W
Note: P.C.B. mounted with 8.0mm
2 (.013mm thick) copper pad areas.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
RATINGS
PARAMETER
SYMBOL
TEST
CONDITIONS ES1A ES1B ES1C ES1D ES1E ES1G ES1J
UNIT
Forward Voltage
VFM
IF=1.0A
0.95
0.95
0.95
0.95
1.25
1.25
1.7
V
TA=25°C
5.0
μA
Peak Reverse Current at
Rated DC Blocking Voltage
IR
TA=125°C
500
μA
Reverse Recovery Time
(Note 1)
trr
35
ns
Junction Capacitance
(Note 2)
CJ
18
pF
Notes: 1. Reverse recovery condition IF=0.5A, IR=1.0A, Irr=0.25A.
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com