Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1BL-SMA-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ES1BL-SMA-R
Description  1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ES1BL-SMA-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ES1BL-SMA-R Datasheet HTML 1Page - Unisonic Technologies ES1BL-SMA-R Datasheet HTML 2Page - Unisonic Technologies ES1BL-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ES1A THRU ES1J
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R601-236.E
1.0AMP SURFACE MOUNT
GLASS SUPERFAST
RECOVERY RECTIFIER
DESCRIPTION
The UTC ES1A thru ES1J is a surface mount glass superfast
recovery rectifier, it uses UTC’s advanced technology to provide
customers with low power loss and high efficiency, etc.
FEATURES
*Glass passivated Junction chip
*Low reverse leakage
*High forward surge current capability
SMA
(JEDEC DO-214AC)
+
-
SOD-123
+
-
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
ES1AL-SMA-R
ES1AG-SMA-R
SMA
K
A
Tape Reel
ES1AL-CA2-R
ES1AG-CA2-R
SOD-123
A
K
Tape Reel
ES1BL-SMA-R
ES1BG-SMA-R
SMA
K
A
Tape Reel
ES1BL-CA2-R
ES1BG-CA2-R
SOD-123
A
K
Tape Reel
ES1CL-SMA-R
ES1CG-SMA-R
SMA
K
A
Tape Reel
ES1CL-CA2-R
ES1CG-CA2-R
SOD-123
A
K
Tape Reel
ES1DL-SMA-R
ES1DG-SMA-R
SMA
K
A
Tape Reel
ES1DL-CA2-R
ES1DG-CA2-R
SOD-123
A
K
Tape Reel
ES1EL-SMA-R
ES1EG-SMA-R
SMA
K
A
Tape Reel
ES1EL-CA2-R
ES1EG-CA2-R
SOD-123
A
K
Tape Reel
ES1GL-SMA-R
ES1GP-SMA-R
SMA
K
A
Tape Reel
ES1GL-CA2-R
ES1GP-CA2-R
SOD-123
A
K
Tape Reel
ES1JL-SMA-R
ES1JG-SMA-R
SMA
K
A
Tape Reel
ES1JL-CA2-R
ES1JG-CA2-R
SOD-123
A
K
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) R: Tape Reel
(2) SMA: SMA, CA2: SOD-123
(3) L: Lead Free, G: Halogen Free and Lead Free
P: Halogen Free and Lead Free For ES1G only
ES1AG-SMA-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
SMA
SOD-123
EX
Product Code
L: Lead Free
G: Halogen Free
P: For ES1G Only


Similar Part No. - ES1BL-SMA-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1BL TSC-ES1BL Datasheet
307Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1BL TSC-ES1BL Datasheet
461Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1BL TSC-ES1BL Datasheet
198Kb / 2P
1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1BL DACHANG-ES1BL Datasheet
131Kb / 2P
Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Taiwan Semiconductor Co...
ES1BL TSC-ES1BL Datasheet
380Kb / 4P
Surface Mount Super Fast Rectifiers
More results

Similar Description - ES1BL-SMA-R

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
G1A SMC-G1A Datasheet
127Kb / 4P
1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
E1A DYELEC-E1A Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
E1AN DYELEC-E1AN Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES1A DYELEC-ES1A Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES1AN DYELEC-ES1AN Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
G1AU DYELEC-G1AU Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
GS1A DYELEC-GS1A Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
GS1AU DYELEC-GS1AU Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
R1A DYELEC-R1A Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS1AU DYELEC-RS1AU Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com