Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 3 Page - Dwyer Instruments,

Part # 2000
Description  MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,

2000 Datasheet(HTML) 3 Page - Dwyer Instruments,

  2000 Datasheet HTML 1Page - Dwyer Instruments, 2000 Datasheet HTML 2Page - Dwyer Instruments, 2000 Datasheet HTML 3Page - Dwyer Instruments, 2000 Datasheet HTML 4Page - Dwyer Instruments,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LED set point indicator
Adjustable signal flag
Transparent overlay
Mirrored scale overlay
Integrated mounting plate
Twice as accurate as the
standard Magnehelic® gage
Mirrored scale overlay
eliminates parallax error
IP67 weatherproof housing
Optional brushed SS bezel
6-point calibration
certificate included
Accuracy Specifications: See page 20 (Series 2000)
DWYER INSTRUMENTS, LLC | dwyer-inst.com
22
HIGH ACCURACY MAGNEHELIC® DIFFERENTIAL PRESSURE GAGE
ADDITIONAL GAGE OPTIONS
VVIID
DEEO
O OONN
CALIBRATION SERVICES AVAILABLE
OPTIONS - LED SET POINT INDICATOR
To order add suffix: Description
-SP
Bright red LED on right scale shows when set point is
reached. Field adjustable from gage face, unit operates on
12-24 VDC. Set point indicator option comes with medium
pressure (MP) bezel.
Note: 4-13/16˝ hole for flush mounting.
OPTIONS - ADJUSTABLE SIGNAL FLAG
To order add suffix: Description
-ASF
Integral with plastic gage cover. Available for most models
except those with medium or high pressure construction.
Can be ordered with gage or separate.
OPTIONS - TRANSPARENT OVERLAYS
To order add suffix: Description
-G
-R
-Y
Green (to highlight and emphasize critical pressures)
Red (to highlight and emphasize critical pressures)
Yellow (to highlight and emphasize critical pressures)
OPTIONS - MIRRORED SCALE OVERLAY
To order add suffix: Description
-M
A mirrored scale overlay is also available to assist in reduc-
ing parallax error.
OPTIONS - INTEGRATED MOUNTING PLATE
To order add suffix: Description
-AHU1
-AHU2
Furnished with attached surface mounting plate
Furnished with attached surface mounting plate and including
A-481 installer kit (2 plastic static pressure tips and 7´of
PVC tubing)
OPTIONS - FOR HIGH STATE PRESSURE APPLICATIONS
To order add suffix: Description
-HP
-MP
High pressure option: for pressures to 80 psig
Medium pressure option: for pressures to 35 psig
OPTIONS - HIGH ACCURACY MAGNEHELIC®
GAGE
To order
add suffix: Description
-HA
-SS
High accuracy Magnehelic® gage.
Accuracy within 1% and weatherproof.
Also includes mirrored scale overlay and
a six point calibration certificate
Corrosion resistant brushed 304 stainless
steel bezel
OPTIONS
To order add suffix: Description
-FC
-LT
-NIST
Factory calibration certificate
Low temperatures to -20°F (-28°C)
NIST traceable calibration certificate
OPTIONS - OTHER OPTIONAL BEZELS
To order add suffix: Description
-CB
-SB
-SS
Chrome bezel option: A chrome plated aluminum bezel for
an aesthetically pleasing finish when mounting on metal
surfaces such as control panels.
Stainless steel bezel option: 304 stainless steel electro
polished Ra 16 finished bezel.
Corrosion resistant brushed 304 stainless steel bezel
USA: California Proposition 65
WARNING: This product can expose you to chemicals including Lead, which is known to the State
of California to cause cancer and birth defects or other reproductive harm. For more information go
to www.P65Warnings.ca.gov.
YEAR LIMITED
WARRANTY



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com