Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7540340 Datasheet(PDF) 2 Page - PREMIER DEVICES, INC.

Part # S7540340
Description  GaAs Push Pull Hybrid 40 - 750MHz 34.0dB min. Gain @ 750MHz 280mA max. @ 24VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

S7540340 Datasheet(HTML) 2 Page - PREMIER DEVICES, INC.

  S7540340 Datasheet HTML 1Page - PREMIER DEVICES, INC. S7540340 Datasheet HTML 2Page - PREMIER DEVICES, INC. S7540340 Datasheet HTML 3Page - PREMIER DEVICES, INC. S7540340 Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
S7540340
GaAs Push Pull, 40 – 750MHz, 34.0dB min. Gain @ 750MHz, 280mA max. @ 24VDC
CHARACTERISTICS
Table 2: Distortion data 40 – 750 MHz; VB = 24V; Tmb = 30°C; ZS = ZL = 75
Ω
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CTB
112 ch. flat; Vo = 44 dBmV 1)
-
-62
- 60
dBc
XMOD
112 ch. flat; Vo = 44 dBmV 1)
-
-62
- 60
dBc
CSO
112 ch. flat; Vo = 44 dBmV 1)
-
-65
- 63
dBc
Notes:
1) 112 channels, NTSC frequency raster: 55.25 MHz to 745.25 MHz, +44 dBmV flat output level.
Composite Second Order (CSO)
The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB)
The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD)
Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.
Page 2 of 4
2005 Sep 21
Document Revision Level B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com