Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002 Datasheet(PDF) 4 Page - Dwyer Instruments,

Part # 2002
Description  MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,

2002 Datasheet(HTML) 4 Page - Dwyer Instruments,

  2002 Datasheet HTML 1Page - Dwyer Instruments, 2002 Datasheet HTML 2Page - Dwyer Instruments, 2002 Datasheet HTML 3Page - Dwyer Instruments, 2002 Datasheet HTML 4Page - Dwyer Instruments,  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MAGNEHELIC® GAGE MOUNTING ACCESSORIES
23
A single case size is used for most models of Magnehelic® gages. They can be
flush or surface mounted with standard hardware supplied. Complete mounting and
connection fittings plus instructions are furnished with each instrument. A 4-9/16˝ hole
is required for flush panel mounting.
Flush mounting is easily accomplished with the new A-300 Flush Mounting bracket.
This bracket provides a solution to quickly and conveniently flush mount the
Magnehelic® gage. The A-300 is ideal for mounting the Magnehelic® gage on control
panel doors.
The A-368 is a simple bracket for quickly surface mounting the Magnehelic® gage.
After securing the Magnehelic® gage to the A-368 bracket, mount the bracket on any
flat surface.
The A-369 allows the Magnehelic® gage to be easily carried to locations where
pressure readings need to be taken. The A-369 can stand on its own or hang on a
nail or hook.
INSTRUMENT ENCLOSURES
Protects Various Instruments
The
Series A-320 Instrument Enclosures protect instruments in all applications. The
enclosures, available in plastic and stainless steel, fit a variety of gages including the
Series 605 transmitter, DM-2000, 3000MR/MRS and DH3. All models include silicone
tubing, Banjo fittings, and threaded pressure connections pre-installed. The threaded
pressure connections allow the user to easily change the connection type through the
use of fittings or adapters. This modification can be implemented to allow connection
to a wide variety of plastic or metal tubing.
SPECIFICATIONS
Housing Material: ABS plastic or 304 SS.
Process Connection: 1/8˝ female NPT (-SS models: 1/8˝ BSPT).
Enclosure Rating: Plastic models: IP66.
Weight: A-320-A1: 1.1 lb (0.5 kg); A-320-B1: 1.4 lb (0.65 kg); A-320-BC: 1.4 lb
(0.65 kg); A-320-A-SS: 2.3 lb (1.05kg); A-320-B-SS: 3.0 lb (1.35 kg).
A-610
A-320-A1
A-320-B1
A-320-BC
A-320-A-SS
A-320-B-SS
A-286
A-369
A-300
A-368
A-299
A-371
SERIES A-320
DWYER INSTRUMENTS, LLC | dwyer-inst.com
VVIID
DEEO
O OONN
VVIID
DEEO
O OONN
MODEL CHART
Model
Description
A-320-A1
A-320-B1*
A-320-BC
A-320-A-SS
A-320-B-SS
2000 Magnehelic® gage
3000MR/MRS Photohelic® switch/gage, Series 605 Magnehelic®
differential pressure transmitter, DH3 Digihelic® pressure controller,
2000 Magnehelic® gage with medium and high pressure options
2000 Magnehelic® gage, DM-1000 DigiMag® digital differential
pressure gage, DM-2000 differential pressure transmitter, instruments
with backwards compatible bezel option
2000 Magnehelic® gage
2000 Magnehelic® gage, DM-2000 differential pressure transmitter
*For DH3 to fit on A-320-B1 the casing on the electrical plug must be removed.
ACCESSORIES
Model
Description
A-339-SS 1/8˝ male BSPT to 3/16˝ hose barb
A-464
A-464-SS
Pressure
reference
port
ACCESSORIES
Model
Description
A-286
A-299
A-300
A-368
A-369
A-371
A-464-SS
A-464
A-610
Magnehelic® gage panel mounting flange
Mounting bracket, flush mount for Magnehelic® gage, bracket is then
surface mounted, steel with gray hammerloid epoxy finish
Flush mounting bracket
Surface mounting plate, aluminum, for Magnehelic® gage
Stand-hang bracket, aluminum, for Magnehelic® gage
Surface mounting bracket, use with medium pressure (-MP) or high
pressure (-HP) models only
Stainless steel flush mount kit for Magnehelic® gage
Flush mount kit for Magnehelic® gage
Pipe mounting kit for installing on 1-1/4˝ to 2˝ horizontal or vertical pipe



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com