Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2004 Datasheet(PDF) 2 Page - Dwyer Instruments,

Part # 2004
Description  MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,

2004 Datasheet(HTML) 2 Page - Dwyer Instruments,

  2004 Datasheet HTML 1Page - Dwyer Instruments, 2004 Datasheet HTML 2Page - Dwyer Instruments, 2004 Datasheet HTML 3Page - Dwyer Instruments, 2004 Datasheet HTML 4Page - Dwyer Instruments,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES
Indicate Positive, Negative or Differential,Accurate within 1%
21
Bezel provides flange for flush mounting in panel.
Clear plastic face is highly resistant to breakage. Provides
undistorted viewing of pointer and scale.
Precision litho-printed scale is accurate and easy to read.
Calibrated range spring is flat spring steel. Small amplitude of
motion assures consistency and long life. It reacts to pressure
on diaphragm. Live length adjustable for calibration.
Red tipped pointer of heat treated aluminum tubing is easy to
see. It is rigidly mounted on the helix shaft.
Pointer stops of molded rubber prevent pointer over-travel
without damage.
“Wishbone” assembly provides mounting for helix, helix
bearings and pointer shaft.
Jeweled bearings are shock-resistant mounted; provide
virtually friction-free motion for helix. Motion damped with high
viscosity silicone fluid.
Helix is precision made from an alloy of high magnetic
permeability. Mounted in jeweled bearings, it turns freely,
following the magnetic field to move the pointer across the
scale.
Zero adjustment screw is conveniently located in the plastic
cover, and is accessible without removing cover. O-ring seal
provides pressure tightness.
O-ring seal for cover assures pressure integrity of case.
OVERPRESSURE PROTECTION
Blowout plug is comprised of a rubber plug on the rear which
functions as a relief valve by unseating and venting the gage
interior when over pressure reaches approximately 25 psig
(1.7 bar). To provide a free path for pressure relief, there are
four spacer pads which maintain 0.023˝ clearance when gage
is surface mounted. Do not obstruct the gap created by these
pads.
The blowout plug is not used on models above 180˝ of water
pressure, medium or high pressure models, or on gages which
require an elastomer other than silicone for the diaphragm.
The blowout plug should not be used as a system overpressure
control. High supply pressures may still cause the gage to fail
due to over pressurization, resulting in property damage or
serious injury. Good engineering practices should be utilized
to prevent your system from exceeding the ratings of any
component.
Die cast aluminum case is precision made and iridite-dipped
to withstand 168 hour salt spray corrosion test. Exterior
finished in baked dark gray hammerloid. One case size is used
for all standard pressure options, and for both surface and flush
mounting.
Silicone rubber diaphragm with integrally molded O-ring
is supported by front and rear plates. It is locked and sealed
in position with a sealing plate and retaining ring. Diaphragm
motion is restricted to prevent damage due to overpressures.
Samarium Cobalt magnet mounted at one end of range
spring rotates helix without mechanical linkages.
VELOCITY AND
VOLUMETRIC FLOW UNITS
Scales are available on the
Magnehelic® gage that read
in velocity units (FPM, m/s) or
volumetric flow units (SCFM,
m3/s, m3/h).
Stocked velocity units with dual
range scales in inches w.c.
and feet per minute are shown
above. For other ranges contact
the factory.
When
ordering
volumetric
flow scales please specify
the maximum flow rate and its
corresponding pressure.
Example: 0.5 in w.c. = 16,000
CFM.
A-310A
SERIES 2000
DWYER INSTRUMENTS, LLC | dwyer-inst.com
CALIBRATION SERVICES AVAILABLE
ACCESSORIES
Model Description
A-135
A-310A
A-321
A-401
A-448
Rubber gasket for panel mounting
3-way vent valves. In applications where pressure is continuous and the Magnehelic® gage is
connected by metal or plastic tubing which cannot be easily removed, we suggest using Dwyer
A-310A vent valves to connect gage. Pressure can then be removed to check or re-zero the gage
Safety relief valve
Plastic carry case
3-piece magnet kit for mounting Magnehelic® gage directly to magnetic surface
MODEL CHART
Model
Range,
Inches of
Water
Model
Range,
PSI
Model
Range,
MM of
Water
Model
Range,
kPa
Dual Scale Air Velocity Units
For use with pitot tube
2000-00N†••
2000-00†••
2000-0†•
2001
2002
2003
2004
2005
2006
2008
2010
2012
2015
2020
2025
2030
2040
2050
2060
2080
2100
2120
2150
2160
2180*
2250*
.05-0-.2
0-.25
0-.50
0-1.0
0-2.0
0-3.0
0-4.0
0-5.0
0-6.0
0-8.0
0-10
0-12
0-15
0-20
0-25
0-30
0-40
0-50
0-60
0-80
0-100
0-120
0-150
0-160
0-180
0-250
2201
2202
2203
2204
2205
2210*
2215*
2220*
2230**
0-1
0-2
0-3
0-4
0-5
0-10
0-15
0-20
0-30
2000-6MM†••
2000-10MM†•
2000-15MM
2000-25MM
2000-30MM
2000-50MM
2000-80MM
2000-100MM
2000-125MM
2000-150MM
2000-200MM
2000-250MM
2000-300MM
0-6
0-10
0-15
0-25
0-30
0-50
0-80
0-100
0-125
0-150
0-200
0-250
0-300
2000-0.5KPA
2000-1KPA
2000-1.5KPA
2000-2KPA
2000-2.5KPA
2000-3KPA
2000-4KPA
2000-5KPA
2000-8KPA
2000-10KPA
2000-15KPA
2000-20KPA
2000-25KPA
2000-30KPA
0-0.5
0-1
0-1.5
0-2
0-2.5
0-3
0-4
0-5
0-8
0-10
0-15
0-20
0-25
0-30
Model
Range, in w.c./
Velocity F.P.M.
2000-00AV†••
2000-0AV†•
2001AV
2002AV
2005AV
2010AV
0-.25/300-2000
0-.50/500-2800
0-1.0/500-4000
0-2.0/1000-5600
0-5.0/2000-8800
0-10/2000-12500
Model
Range,
CM of
Water
2000-15CM
2000-20CM
2000-25CM
2000-50CM
2000-80CM
2000-100CM
2000-150CM
2000-200CM
2000-250CM
2000-300CM
0-15
0-20
0-25
0-50
0-80
0-100
0-150
0-200
0-250
0-300
Zero Center Ranges
Zero Center Ranges
2300-6MM†••
2300-10MM†•
2300-20MM†•
3-0-3
5-0-5
10-0-10
2300-1KPA
2300-2KPA
2300-2.5KPA
2300-3KPA
.5-0-.5
1-0-1
1.25-0-1.25
1.5-0-1.5
Model
Range, Pa
Zero Center Ranges
2000-60NPA†••
2000-30PA†••
2000-60PA†••
2000-100PA†•
2000-125PA†•
2000-250PA
2000-300PA
2000-500PA
2000-750PA
2000-1000PA
10-0-50
0-30
0-60
0-100
0-125
0-250
0-300
0-500
0-750
0-1000
Dual Scale English/Metric Models
2300-4CM
2300-10CM
2300-30CM
2-0-2
5-0-5
15-0-15
Model
Range,
in w.c.
Range,
Pa or kPa
Zero Center Ranges
2000-00D†••
2000-0D†•
2001D
2002D
2003D
2004D
2005D
2006D
2008D
2010D
2015D
2020D
2025D
2050D
2060D
0-.25
0-0.5
0-1.0
0-2.0
0-3.0
0-4.0
0-5.0
0-6.0
0-8.0
0-10
0-15
0-20
0-25
0-50
0-60
0-62 Pa
0-125 Pa
0-250 Pa
0-500 Pa
0-750 Pa
0-1.0 kPa
0-1.25 kPa
0-1.5 kPa
0-2.0 kPa
0-2.5 kPa
0-3.7 kPa
0-5 kPa
0-6.2 kPa
0-12.4 kPa
0-15 kPa
2300-00†••
2300-0†•
2301
2302
2304
2310
2320
2330
0.125-0-0.125
.25-0-.25
.5-0-.5
1-0-1
2-0-2
5-0-5
10-0-10
15-0-15
Zero Center Ranges
Model
Range, Pa
2300-60PA†••
2300-100PA†•
2300-120PA
2300-200PA
2300-250PA
2300-300PA
2300-500PA
2300-1000PA
30-0-30
50-0-50
60-0-60
100-0-100
125-0-125
150-0-150
250-0-250
500-0-500
†These ranges calibrated for vertical scale position. • Accuracy ±3%. •• Accuracy ±4%. *MP option standard. **HP option standard.
USA: California Proposition 65
WARNING: This product can expose you to chemicals
including Lead, which is known to the State of California to
cause cancer and birth defects or other reproductive harm.
For more information go to www.P65Warnings.ca.gov.
YEAR LIMITED
WARRANTY



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com