Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

-CF Datasheet(PDF) 1 Page - Dwyer Instruments,

Part # -CF
Description  STAINLESS STEEL PITOT TUBE ASME Design Meets AMCA and ASHRAE Codes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,

-CF Datasheet(HTML) 1 Page - Dwyer Instruments,

  -CF Datasheet HTML 1Page - Dwyer Instruments,  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STAINLESS STEEL PITOT TUBE
ASME Design Meets AMCA and ASHRAE Codes
The
Series 160 Stainless Steel Pitot Tube is constructed from corrosion resistant
stainless steel with permanently etched insertion depth graduations for a lifetime of
service. The static pressure port is parallel to the sensing tube to allow quick, easy
alignment of the tube with air flow. A universal model fits the user supplied 3/4˝
schedule 40 pipe in any length.
FEATURES/BENEFITS
• Low sensitivity to misalignment up to 15 degrees
• No calibration needed due to ASHRAE tip design
• Silver soldered connections for leak-proof operation
• 5/16˝ models rated to 1500°F (815.5°C)
APPLICATIONS
• Monitor or control air velocity or air flow when combined with differential pressure
gage, switch, or transmitter
INSERTION LENGTH
1/2 [12.70] SQ
13/16 [20.62]
1/2
[12.70]
TOTAL
PRESSURE
CONNECTION Ø1/4
[6.35]
Ø1/4
[6.35]
STATIC
PRESSURE
CONNECTION
2-5/8
[66.68]
5 [127.00]
2-41/64 [67.07]
Ø1/8 [3.18]
TOTAL
PRESSURE
Ø5/16
[7.94]
(8) Ø.040 [1.02]
STATIC PRESSURE
HOLES EQUALLY
SPACED
Standard Model 160 pitot tube
160
TOTAL PRESSURE
CONNECTION
Ø1/4 [6.350]
Ø1/4 [6.35]
STATIC PRESSURE
CONNECTION
3-5/8
[92.08]
ØB
STATIC PRESSURE
(8) Ø.040 [1.02]
HOLES EQUALLY
SPACED
TOTAL PRESSURE
Ø1/8 [3.18] HOLE
2-35/64
[64.69]
5
[127.00]
1
[25.40]
96˝
1/2 [12.70]
160
96˝ and longer with stiffener
STATIC PRESSURE
(8) Ø.020 [Ø.51]
HOLES EQUALLY
SPACED
TOTAL PRESSURE
Ø3/64 [Ø1.19] HOLE
MODEL 166
1 [25.4]
MODEL 167
1/2 [12.7]
MODEL 166
2 [50.8]
MODEL 167
1 [25.4]
Ø1/8
[3.18]
6-1/2 OR 12-1/2
Ø1/4
[Ø6.35]
Ø1/8 [Ø3/18]
Ø1/4 [Ø6.35]
STATIC PRESSURE
CONNECTION
1/2
[12.70]
1/2
[12.70]
2-1/2
[63.50]
Ø1/8
[3.18]
TOTAL PRESSURE
CONNECTION
1-1/2
[38.10]
1/2
[12.70]
166/167
A-397
A-160-CASE
A-158
A-159
To flange mount, the A-159
must be used with the A-156
flange mounting plate.
SERIES 160
183
DWYER INSTRUMENTS, LLC | dwyer-inst.com
MODEL CHART
Standard 5/16˝
Diameter Model
Insertion
Length
Longer Length with
Stiffener Model
Insertion
Length
160-8
160-12
160-18
160-24
160-36
160-48
160-60
8-5/8˝
12-5/8˝
18-5/8˝
24-5/8˝
36-5/8˝
48-5/8˝
60-5/8˝
160-96
96˝
Pocket Size 1/8˝
Diameter Model
Insertion
Length
166-6
166-12
167-6
167-12
6˝
12˝
6˝
12˝
Model
Description
160-KIT
Kit containing 160-18, 160-24, 160-36, 160-
48, and carrying case
ACCESSORIES
Model
Description
A-156
A-158
A-159
A-160-CASE
A-397
Flange mounting plate 1/2˝ female NPT
Split flange mounting. Can be added to any Dwyer® No. 160
standard pitot tube. Zinc plated steel. Gasket is pattern for mounting
holes. Secure flange loosely to tube, adjust tube depth and tighten
screws. Gasket of 1/16˝ Neoprene fits tightly around tube and
against duct for leak-proof seal. Nuts, washers included.
Mounting gland. Versatile adaptor slips on any Series 160, 5/16˝
standard pitot tube made after Dec. 1990. Two-part stainless steel
fitting slides over tube and provides permanent, secure mounting.
Where duct interior is accessible, use the washers and jam nut
supplied. For blind applications or in thicker materials, use model
A-156 flange mounting plate. Once tube is adjusted to proper depth
and angle, tighten smaller hex bushing to lock position. Graphite
bushing inside assures leak-proof seal even at higher temperatures.
TFE bushing also available.
Note: For full insertion with this fitting,
order next longer pitot tube. A-159 mounting gland is used for both
duct mounting and flange mounting.
Carrying case for pitot tubes up to 48˝
Step drill. For fast, convenient installation of pitot tubes in sheet
metal ducts. No center punch needed; automatic de-burring. Drills
six sizes from 3/16˝-1/2˝ in 1/16˝ increments.
OPTIONS
To order
add suffix: Description
-CF
1/8˝ male NPT compression fitting, mounting option for Series 166/167
Example: 166-6-CF


Similar Description - -CF

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD350 EXTECH-HD350 Datasheet
282Kb / 1P
Pitot Tube Anemometer Differential Manometer
HD350 EXTECH-HD350_15 Datasheet
282Kb / 1P
Pitot Tube Anemometer Differential Manometer
logo
Cherry Semiconductor Co...
J86-4400 CHERRY-J86-4400 Datasheet
77Kb / 2P
Stainless steel keytops and fascia
logo
TT Electronics.
DS1161 TTELEC-DS1161 Datasheet
310Kb / 1P
In-Line Pitot Tube
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
logo
Eaton All Rights Reserv...
E57G-12SPN4-Q EATON-E57G-12SPN4-Q Datasheet
3Mb / 102P
Stainless steel tube
logo
BELIMO AIRCONTROLS (USA...
B207 BELIMO-B207 Datasheet
434Kb / 3P
Stainless Steel Ball and Stem
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com