Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28159PVC Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # CY28159PVC
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28159PVC Datasheet(HTML) 2 Page - SpectraLinear Inc

  CY28159PVC Datasheet HTML 1Page - SpectraLinear Inc CY28159PVC Datasheet HTML 2Page - SpectraLinear Inc CY28159PVC Datasheet HTML 3Page - SpectraLinear Inc CY28159PVC Datasheet HTML 4Page - SpectraLinear Inc CY28159PVC Datasheet HTML 5Page - SpectraLinear Inc CY28159PVC Datasheet HTML 6Page - SpectraLinear Inc CY28159PVC Datasheet HTML 7Page - SpectraLinear Inc CY28159PVC Datasheet HTML 8Page - SpectraLinear Inc CY28159PVC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY28159
Rev 1.0, November 24, 2006
Page 2 of 12
Note:
1. Definition of I/O column mnemonic on pin description table above 1= Input pin, O = output pin, P = power supply pin, PU = indicates that a bidirectional pin contains
pull-up resistor. This will insure that this pin of the device will be seen by the internal logic as a logic 1 level. Likewise pins with a PD designation are guaranteed
to be seen as a logic 0 level if no external level setting circuitry is present at power up.
Pin Description
Pin
Name
I/O[1]
Description
20
SSCG
PU
I
When asserted LOW, this pin invokes Spread Spectrum functionality. Spread
spectrum is applicable to CPU(0:7), CPU(0:7)#. This pin has a 250-k
internal
pull-up.
7,10, 13, 16,
42, 39, 36, 33
CPU(0:7)
O
Differential host clock outputs. These outputs are used in pairs, (CPU0-0#,
CPU1-1#, CPU2-2#, CPU3-3#, CPU4-4#, CPU5-5#, CPU6-6#, and CPU7-7#)
for differential clocking of the host bus. CPU(0:7) are 180 degrees out of phase
with their complements, CPU(0:7)#. See Table 1 on page 1
8, 11, 14, 17,
41, 38, 35, 32
CPU(0:7)#
26
IRef
P
This pin establishes the reference current for the internal current steering
buffers of the CPU clocks. A resistor is connected from this pin to ground to set
the value of this current.
1
3V33
O
Fixed 33.3-MHz clock output.
44
PD#
PU
I
When asserted LOW, this pin invokes a power-down mode by shutting off all
the clocks, disabling all internal circuitry, and shutting down the crystal oscil-
lator. The 48M(0:1) and REF clocks are driven LOW during this condition and
the CPU clocks are driven HIGH and programmed with an 2X IREF current. It
has a 250-k
internal pull-up.
3, 4
48M(0,1), S(0,1)
IO
S0 and S1 inputs are sensed on power-up and then internally latched. After-
wards the pins are 3V 48-MHz clocks.
48
SEL100/133
PU
I
Input select pin. See Table 1 on page 1.
It has a 250-k
internal Pull-up
23
XOUT
O
Crystal Buffer output pin. Connects to a crystal only. When an external signal
other than a crystal is used or when in Test mode, this pin is kept unconnected.
22
XIN
I
Crystal Buffer input pin. Connects to a crystal, or an external single ended input
clock signal.
19
REF
O
A buffered output clock of the signal applied at Xin. Typically, 14.31818 MHz.
30, 29
Mult(0,1)
I
These input select pins configure the Ioh current (and thus the Voh swing
amplitude) of the CPU clock output pairs. Each pin has a 250-k
internal
Pull-up. See Table 6 for current and resistor values.
25, 46
VDDA
P
3.3V power supply pins.
2, 6, 12, 18, 24,
31, 37, 43
VDD
P
3.3V power supply pins for common supply to the core.
5, 9, 15, 21, 28,
34, 40, 47
VSS
P
Ground pins for common supply to the core.
27, 45
VSSA
P
Ground pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com