Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MS4TA Datasheet(PDF) 1 Page - Multicomp Pro

Part # 1MS4TA
Description  Minature Toggle Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1MS4TA Datasheet(HTML) 1 Page - Multicomp Pro

  1MS4TA Datasheet HTML 1Page - Multicomp Pro 1MS4TA Datasheet HTML 2Page - Multicomp Pro 1MS4TA Datasheet HTML 3Page - Multicomp Pro 1MS4TA Datasheet HTML 4Page - Multicomp Pro 1MS4TA Datasheet HTML 5Page - Multicomp Pro 1MS4TA Datasheet HTML 6Page - Multicomp Pro 1MS4TA Datasheet HTML 7Page - Multicomp Pro 1MS4TA Datasheet HTML 8Page - Multicomp Pro 1MS4TA Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Page <1>
V1.0
31/07/20
Minature Toggle Switches
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Materials
Case
: Diallyl phthalate (DAP)
Actuator
: Brass,chrome plated
Bushing
: Brass, nickel plated
Housing
: Stainless steel
Switch Support
: Brass, tin plated
Contact / Terminals
: Brass, Silver or gold plated
Specifications
Mechanical Life
: 40,000 make-and-break cycles
Contact Resistance
: 10mΩ max. initial @ 2-4V DC
100mA for both silver and gold plated
contacts
Insulation Resistance
: 1,000MΩ min.
Dielectric Strength
: 1,000V rms min. @ sea level
Operating Temperature
: -30°C to +85°C
No.
Poles
Model
No.
Switch Function
Connected Terminals / Schematic
Pos.1
Pos.2
Pos.3
Pos.1
Pos.2
Pos.3
SP
1MS1
ON
NONE
ON
2-3
N/A
2-1
1MS2
ON
NONE
MOM
1MS3
ON
OFF
ON
OPEN
1MS4
MOM
OFF
MOM
1MS5
ON
OFF
MOM
DP
1MD1
ON
NONE
ON
2-3, 5-6
N/A
2-1, 5-4
1MD2
ON
NONE
MOM
1MD3
ON
OFF
ON
OPEN
1MD4
MOM
OFF
MOM
1MD5
ON
OFF
MOM
1MD6
ON
ON
ON
2-3, 5-6
2-3, 5-4
2-1, 5-4
1MD7
MOM
ON
MOM
1MD8
ON
ON
MOM
3P
1M31
ON
NONE
ON
2-3, 5-6, 8-9
N/A
2-1, 5-4, 8-7
1M32
ON
NONE
MOM
1M33
ON
OFF
ON
OPEN
1M34
MOM
OFF
MOM
1M35
ON
OFF
MOM
Switch Function


Similar Part No. - 1MS4TA

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
1MS4T1B1M1QE MULTICOMP-1MS4T1B1M1QE Datasheet
1Mb / 4P
Toggle Switches Miniature
30/04/20 V1.0
1MS4T1B1M1RE MULTICOMP-1MS4T1B1M1RE Datasheet
1Mb / 4P
Toggle Switches Miniature
30/04/20 V1.0
logo
List of Unclassifed Man...
1MS4T1B5M1QE ETC2-1MS4T1B5M1QE Datasheet
376Kb / 18P
Toggle Switches
logo
Multicomp Pro
1MS4T1B5M1QE MULTICOMP-1MS4T1B5M1QE Datasheet
3Mb / 11P
Toggle Switches Miniature
13/06/23 V1.1
logo
List of Unclassifed Man...
1MS4T2B4M6RE ETC2-1MS4T2B4M6RE Datasheet
376Kb / 18P
Toggle Switches
More results

Similar Description - 1MS4TA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
Toggle Switches
logo
Carling Technologies
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
Toggle Switches
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
Toggle Switches
logo
List of Unclassifed Man...
2US2T1A1M2RE ETC1-2US2T1A1M2RE Datasheet
170Kb / 6P
Toggle Switches Ultra-Minature - Sealed
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
Toggle Switches
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
Toggle Switches
9103A ETC2-9103A Datasheet
67Kb / 1P
Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
Toggle Switches
54-020 NTE-54-020 Datasheet
5Mb / 21P
Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com