Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4766 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4766
Description  Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4766 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4766 Datasheet HTML 7Page - National Semiconductor (TI) LM4766 Datasheet HTML 8Page - National Semiconductor (TI) LM4766 Datasheet HTML 9Page - National Semiconductor (TI) LM4766 Datasheet HTML 10Page - National Semiconductor (TI) LM4766 Datasheet HTML 11Page - National Semiconductor (TI) LM4766 Datasheet HTML 12Page - National Semiconductor (TI) LM4766 Datasheet HTML 13Page - National Semiconductor (TI) LM4766 Datasheet HTML 14Page - National Semiconductor (TI) LM4766 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Typical Performance Characteristics (Continued)
Channel Separation vs
Frequency
Clipping Voltage vs
Supply Voltage
10092810
10092868
Output Power vs
Load Resustance
Output Power vs
Supply Voltage
10092874
10092878
Power Dissipation vs
Output Power
Power Dissipation vs
Output Power
10092876
10092877
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com