Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36WSWPDOBUND11 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 36WSWPDOBUND11
Description  Intel 13th Generation Core i3/i5/i7 Modular Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBUND11 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  36WSWPDOBUND11 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBUND11 Datasheet HTML 2Page - Advantech Co., Ltd. 36WSWPDOBUND11 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fanless Embedded Box PCs
Features
ARK-2251
ƒ
Intel® 13th Gen. Core™ i3/i5/i7 processor
ƒ
Support dual channel DDR5 SODIMM memory up to 64GB
ƒ
Support NVMe with PCIe x4
ƒ
3x GbE, 6x USB (2x independent), 6x COM, 2x CANbus, Dual HDMI
ƒ
M.2 E key and mPCIe interfaces support wireless module installation
ƒ
Support 11x iDoors for IO expansion
ƒ
Optional PoE module
ƒ
12-24V wide power input
ƒ
-20-60°C wide operating temperature
ƒ
WISE-DeviceOn supported for quick AI deployment at scale
Intel 13th Generation Core i3/i5/i7
Modular Fanless Box PC
Specifications
Processor System
CPU
13th Generation Intel® Core™ i Processor
Core i3-1315UE
Core i5-1335UE
Core i7-1365UE
Frequency
1.2 GHz
1.3 GHz
1.7 GHz
Core Number
2P+4E
2P+8E
2P+8E
BIOS
AMI EFI 256Mbit
Memory
Technology
DDR5 4800 MHz
Max capacity
64GB
Socket
2x 262-pin SODIMM (no support ECC)
Graphics
Chipset
Intel® UHD Graphics for 13th Gen
Intel® Processors
Intel® Iris® Xe Graphics eligible
HDMI
Up to 4096 x 2160 @ 60Hz
Dual Display
2x HDMI
Ethernet
LAN1
10/100/1000 Mbps Intel i219 GbE, support Wake On LAN
LAN2
10/100/1000/2500 Mbps Intel i226 GbE, support Wake On LAN (optional PoE module)
LAN3
10/100/1000/2500 Mbps Intel i226 GbE, support Wake On LAN (optional PoE module)
Audio
Interface
Realtek ALC888S, High Definition Audio. Line-out, Mic-in
I/O Interface
Serial Ports
6x RS-232/422/485
USB Ports
6x USB3.1 (2x are independent), 1 x internal USB2.0 for security dongle
GPIO
8-bit Programmable DIO
CANBus
2
Expansion
Mini PCIe
1x Full-size mPCIe
M.2
1x M.2 2230 (E Key) and 1x M.2 2280 (M Key)
Storage
NVMe
1x M.2 M Key supporting NVMe (PCIe Gen3x4) #1
mSATA
shared with mPCIe
Other
WatchDog Timer
255 levels timer interval, setup by software
TPM
TPM 2.0 (Optional by AMO-I029)
Software Support
Microsoft Windows
Windows 10 Enterprise
Linux
Ubuntu 22.04, others by project support
Power Requirement
Power Type
ATX/AT
Power Input Voltage
12-24 V
DC
Power Consumption
Typical (OS idle mode)
19.05W
19.30W
19.47W
Max. (Full loading)
38.21W
41.23W
42.13W
Mechanical
Construction
Aluminum housing
Mounting
Wall mounting
Dimensions (W x H x D)
260 x 54 x 140.2 mm (10.24" x 2.13" x 5.52")
Weight
2.3kg (5.06lb)
Environment
Operating Temperature
With extended temp. peripherals: -20 ~ 60° C with 0.7m/s air flow (only up to 40°C when using with the adapter)
Storage Temperature
-40 ~ 85 °C (-40 ~ 185°F)
Relative Humidity
95% @ 40 °C (non-condensing)
Vibration during Operation
3 Grms, IEC60068-2-64, random, 5~500 Hz, 1hr/axis
Shock during Operation
30 G, IEC-60068-2-27, half sine, 11 ms duration
EMC
CE, FCC class B, CCC, BSMI
Safety
CB, UL, CCC, BSMI
#1: M.2 M Key SSD with Heat Sink couldn't fit in ARK-2251.
NEW
All product specifications are subject to change without notice.
Last updated: 13-Dec-2023


Similar Part No. - 36WSWPDOBUND11

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
36WSWPDOBUND11 ADVANTECH-36WSWPDOBUND11 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBUND11 ADVANTECH-36WSWPDOBUND11 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBUND11 ADVANTECH-36WSWPDOBUND11 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBUND11 ADVANTECH-36WSWPDOBUND11 Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
36WSWPDOBUND11 ADVANTECH-36WSWPDOBUND11 Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
More results

Similar Description - 36WSWPDOBUND11

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
4th Generation Intel Core i7/i5/i3 processor
CAPA881 AXIOMTEK-CAPA881_17 Datasheet
321Kb / 1P
4th/5th generation Intel Core i7/i5/i3 & Celeron
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L_16 Datasheet
1Mb / 2P
3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
ARK-2250L ADVANTECH-ARK-2250L Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
C-BUNDLE-ARK1550-1 ADVANTECH-C-BUNDLE-ARK1550-1 Datasheet
994Kb / 2P
15 Intel 4th Generation Core i5 Modular Fanless Panel PC
ARK-2250LA2 ADVANTECH-ARK-2250LA2 Datasheet
903Kb / 4P
Intel 6th/7th Generation Core??i3/i5/i7 Modular Fanless Box PC
12-Jul-2021
ARK-2250L ADVANTECH-ARK-2250L_V01 Datasheet
1Mb / 4P
Intel 6th Generation Core??i3/i5/i7 Modular Fanless Box PC
21-Mar-2019
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
ARK-3530L ADVANTECH-ARK-3530L Datasheet
928Kb / 3P
Intel®Xeon® E3 / Core™ i3/i5/i7 LGA1151 Modular Expansion Fanless Box PC
14-Dec-2020
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com