Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4867 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867
Description  Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4867_02 Datasheet HTML 9Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 10Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 11Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 12Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 13Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 14Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 15Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 16Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Application Information (Continued)
STEREO-INPUT MULTIPLEXER (STEREO MUX)
The LM4867 has two stereo inputs. The MUX CTRL Pin
controls which stereo input is active. As shown in the Truth
Table for Logic Inputs, applying 0V to the MUX CTRL input
activates stereo input 1, whereas applying V
DD to the MUX
CTRL inputs activates stereo input 2. To ensure correct
amplifier operation, unused MUX inputs must be tied to
GND.
Typical LM4867 applications use the MUX to switch between
two stereo input signals. Each stereo channel’s gain can be
tailored to produce the required output signal level by choos-
ing the appropriate input and feedback resistor ratio.
Another configuration uses the MUX to select two different
gains or frequency compensated gains that amplify a single
pair of stereo input signals. Figure 5 shows two different
feedback networks, Network 1 and Network 2. Network 1
produces increasing gain as the input signal’s frequency
decreases. This can be used to compensate a small, full-
range speaker’s low frequency response roll-off. Network 2
sets the gain for an alternate load such as headphones. The
circuit in Figure 6 uses Network 1 when driving external
speakers, switching to Network 2 when headphones are
connected. The normally closed control switch in Figure 6’s
headphone jack connects to the MUX CTRL pin. When
headphones are connected, the LM4867’s internal pull-up
that applies V
DD to the HP-IN and the external 100k
Ω resis-
tor applies V
DD to MUX CTRL pin. Simultaneously applying
these control voltages automatically selects the amplifier
(headphone or bridge) and switches the gain (MUX channel
selection). Alternatively, leaving the MUX CTRL pin indepen-
dently accessible allows a user to select bass boost as
needed. This alternative user-selectable bass-boost scheme
requires connecting equal ratio resistor feedback networks
to each MUX input channel. The value of the resistor in the
RC network is chosen to give a gain that is necessary to
achieve the desired bass-boost.
Switching between the MUX channels may change the input
signal source or the feedback resistor network. During the
channel switching transition, the average voltage level
20001331
FIGURE 4. Typical Audio Amplifier Application Circuit
(Pin out shown for the 24-pin Exposed-DAP LLP package. Numbers in ( ) are for the 20-pin MTE and MT packages.)
20001370
FIGURE 5. Input MUX Example
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com