Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF10-M1JN-R Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # SF10-M1JN-R
Description  Rotating Beacons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SF10-M1JN-R Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  SF10-M1JN-R Datasheet HTML 1Page - PATLITE CORPORATION. SF10-M1JN-R Datasheet HTML 2Page - PATLITE CORPORATION. SF10-M1JN-R Datasheet HTML 3Page - PATLITE CORPORATION. SF10-M1JN-R Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
[2.Model Number Configuration]
■
■
■
■Rated Voltage
■
■
■
■Installation・・・・Wiring・・・・Buzzer
■
■
■
■LED Unit Color
: 12-24V DC
: 3-point Bolt Leg Mounting・Cabtyre Cord・No Buzzer
R : Red
: 100-240V AC
: 2-point Hole Type Mounting・Terminal block・No Buzzer
Y : Amber
: 2-point Hole Type Mounting・Terminal block・With Buzzer
G : Green
B : Blue
[mm]
PC
2
Case
Number
Name
Material ・ Specification
PC
PC
PVC, M1JN : AWG22×5, M2JN : AWG18×2+AWG24×3
6
Waterproof Sheet
Silicone
4
Terminal block
5
Mounting Bracket
LCP GF,
Applicable wire size Solid Wire : 0.13-1.5mm
2 ,
Stranded Wire : AWG28-14
3
Cabtyre Cord
1
Globe
M2
K
R
[3.Outer Dimensions]
JN
KTN
M1
KTB
1
B -
S F 1
- M
T
0
Drawing No.
Rev.
Page
A
■SF10-M1JN/SF10-M2JN
■SF10-M1KT□/SF10-M2KT□
2 / 4
SF10-M1JN-W18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com