Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF10-M2KTN-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SF10-M2KTN-R
Description  Rotating Beacons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SF10-M2KTN-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SF10-M2KTN-R Datasheet HTML 1Page - PATLITE CORPORATION. SF10-M2KTN-R Datasheet HTML 2Page - PATLITE CORPORATION. SF10-M2KTN-R Datasheet HTML 3Page - PATLITE CORPORATION. SF10-M2KTN-R Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
[1.General Specifications]
0.40kg
in indoor industrial control equipment.
IP65(SZW-103 [Rubber Gasket] Attachment)
SF10-M□KT□
IP66/NEMA TYPE 4X,13
FCC Part15 SubpartB ClassA, ICES-003 ClassA
0.39kg
SF10-M2KTN
0.40kg
UL, Low Voltage Directive, and EAC have been evaluated for use
180 R.P.M.[High Speed], 120 R.P.M.[Middle Speed], 60R.P.M.[Low Speed]
Flashing Rate(Typ.)
Rotation Flashing Rate(Typ.)
Protection Rating
UL508, CSA-C22.2 No.14 (UL File No.E215660)
Insulation Resistance
SF10-M□JN
SF10-M2JN
SF10-M1KTN
0.43kg
EN50581
IP23
Upright
0.42kg
SF10-M1KTB
Single Flash(60 flashes per minute), Double Flash(90 flashes per minute)
Triple Flash(120 flashes per minute), Pulse(20 flashes per minute)
Front direction from the Buzzer Aperture/at 1m
SF10-M1JN
SF10-M2KTB
8.5W
-20℃ to +50℃
8.8W
0.20A
0.34A
0.19A
7.4W
7.7W
0.08A
7.7W
8.2W
Indoor : Upright, Inverted & Sideways
More than 1M at 500V DC between live part
Outdoor : Upright
Indoor/Outdoor
Less than 90 % (No condensation)
Max.
No Buzzer
With Buzzer
12V DC
Storage Ambient Humidity
Less than 90 % (No condensation)
100V AC
240V AC
0.64A
-30℃ to +60℃
A
90-250V AC
SPECIFICATIONS
SF10-M2□□□-□
SF10-M1□□□-□
Product Name
Model
Page
Drawing No.
Rev.
Rotating Beacons
Operating Voltage Range
12-24V DC
100-240V AC (50/60Hz)
10-30V DC
0.43kg
Operating Ambient Temperature
Rated Current
Consumption Max.
No Buzzer
With Buzzer
24V DC
Mounting Direction
Rated Power
Consumption
FCC
RoHS Directive
Rated Voltage
0.62A
0.32A
Sound Pressure Level (Typ.)
88dB
Mass (Typ.)
EMC Directive
EN61000-6-4
EN61000-6-4, EN61000-6-2
EN61000-6-2
EN61000-3-2, EN61000-3-3
KC
KN61000-6-4, KN61000-6-2
Environmental Condition
Operating Ambient Humidity
Mounting Location
Environmental Condition
Withstand Voltage
Storage Ambient Temperature
More than 3M at 500V DC between live part
and non-current carrying metallic part
and non-current carrying metallic part
500V AC applied for 1min between live part
4,000V AC applied for 1min between live part
and non-current carrying metallic part
and non-current carrying metallic part
EAC
UL
Due to the characteristics of the LED elements, a variation in difference of the color
tone and brightness of every product may occur.
Remarks
without breaking insulation
without breaking insulation
Conformity
Standards
Low Voltage
Directive
IEC/EN60947-5-1,EN62471
TPTC020/2011
TPTC020/2011, TPTC004/2011
1 / 4
SF10-M1JN-W18


Similar Part No. - SF10-M2KTN-R

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF10-005 FRONTIER-SF10-005 Datasheet
128Kb / 2P
1A SUPER FAST RECOVERY RECTIFIER
SF10-005-LFR FRONTIER-SF10-005-LFR Datasheet
128Kb / 2P
1A SUPER FAST RECOVERY RECTIFIER
SF10-005G FRONTIER-SF10-005G Datasheet
128Kb / 2P
1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF10-005G-LFR FRONTIER-SF10-005G-LFR Datasheet
128Kb / 2P
1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF10-01 FRONTIER-SF10-01 Datasheet
128Kb / 2P
1A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF10-M2KTN-R

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
Pomona Electronics
5790 POMONA-5790 Datasheet
37Kb / 1P
Rotating Micrograbber Test Clip & Kit
logo
List of Unclassifed Man...
51A-G1 ETC2-51A-G1 Datasheet
556Kb / 2P
Beacons with Horn Flashing Incandescent
logo
BOWIN ELECTRONIC CO.
LSI6015N BOWIN-LSI6015N Datasheet
93Kb / 9P
Rotating Clock
logo
List of Unclassifed Man...
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
logo
Schneider Electric
XVR08B06 SCHNEIDER-XVR08B06_V01 Datasheet
110Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 12, 2022
XVR12B03 SCHNEIDER-XVR12B03_V01 Datasheet
121Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
XVR13M04L SCHNEIDER-XVR13M04L_V01 Datasheet
128Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
logo
iMEX Lasers is owned by...
I88G IMEX-I88G Datasheet
553Kb / 2P
ROTATING LASER LEVEL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com