Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WEP-502FB-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # WEP-502FB-R
Description  WE-502FB-W18A-2_2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

WEP-502FB-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  WEP-502FB-R Datasheet HTML 1Page - PATLITE CORPORATION. WEP-502FB-R Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
Model
5 lights
WE-502FB
WEP-502FB
4 lights
WE-402FB
WEP-402FB
3 lights
WE-302FB
WEP-302FB
Surface of cover
Chromium plating
Not plating
(Light gray)
Rated voltage
24V AC/DC(50/60Hz)
Operating voltage
Rated voltage±10%
Current
consumption
Per light
Buzzer
Red
Amber
Green
Blue
White
Typ.
24 mA
17 mA
40 mA
Max.
28 mA
27 mA
23 mA
50 mA
(
Rush current : 250mA)
Operating temperature range
(Relative humidity)
- 30℃ ~ + 60℃
(
Less than 90%)
Mounting place
Indoor only
Mounting direction
Upright,Updown,Sideways
Protection rating
IP54 (Mounting direction : Upright)
Vibration proof
19.6 m/s2 (30Hz)
Insulation resistance
To be measured by an insulation measuring device of 500VDC between the
terminals and the chassis.
More than 1MΩ
Withstand voltage
500VAC being applied between the terminals and the chassis for 1 minute.
Not braking insulation
Flashing cycle
60±12 flashes per minute
Buzzer
Sound level
90dB(at 1m)
Tone
Buzzer1:pipipi Buzzer2:beep beep
Luminous intensity
Red
Amber
Green
Blue
White
600 mcd or more 800 mcd or more 2000 mcd or more 600 mcd or more 1800 mcd or more
Mass
3 lights
4 lights
5 lights
0.30 kg
0.33 kg
0.35 kg
No.WE-502FB-W18A-1_2
●
This product confirms to the CE requirements and CE Marking is indicated.
●
Recognized as UL standard. (Standard No.UL508, File No. E215660)
●
This product complies with the RoHS Directive(DIRECTIVE 2002/95/EC)


Similar Part No. - WEP-502FB-R

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
WEP-502 PATLITE-WEP-502 Datasheet
355Kb / 2P
LED SIGNAL LIGHT
Rev. C
More results

Similar Description - WEP-502FB-R

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749196121 WURTH-749196121 Datasheet
162Kb / 3P
FLEX-TRANSFORMER WE-FLEX
749196530 WURTH-749196530 Datasheet
159Kb / 3P
FLEX-TRANSFORMER WE-FLEX
749197141 WURTH-749197141 Datasheet
115Kb / 2P
FLEX-TRANSFORMER WE-FLEX
749197211 WURTH-749197211 Datasheet
114Kb / 2P
FLEX-TRANSFORMER WE-FLEX
749197231 WURTH-749197231 Datasheet
114Kb / 2P
FLEX-TRANSFORMER WE-FLEX
749197241 WURTH-749197241 Datasheet
114Kb / 2P
FLEX-TRANSFORMER WE-FLEX
749197301 WURTH-749197301 Datasheet
167Kb / 2P
FLEX-TRANSFORMER WE-FLEX
749197341 WURTH-749197341 Datasheet
167Kb / 2P
FLEX-TRANSFORMER WE-FLEX
749699910 WURTH-749699910 Datasheet
397Kb / 6P
WE-LANMX Assembly
001.001
7499511420 WURTH-7499511420 Datasheet
665Kb / 7P
WE-RJ45LAN
004.000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com