Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4873 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4873
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4873 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4873 Datasheet HTML 1Page - National Semiconductor (TI) LM4873 Datasheet HTML 2Page - National Semiconductor (TI) LM4873 Datasheet HTML 3Page - National Semiconductor (TI) LM4873 Datasheet HTML 4Page - National Semiconductor (TI) LM4873 Datasheet HTML 5Page - National Semiconductor (TI) LM4873 Datasheet HTML 6Page - National Semiconductor (TI) LM4873 Datasheet HTML 7Page - National Semiconductor (TI) LM4873 Datasheet HTML 8Page - National Semiconductor (TI) LM4873 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Connection Diagrams (Continued)
10099338
Top View
Order Number LM4873LQ
See NS Package Number LQA24A for Exposed-DAP LLP
10099353
Top View
(Bump-side down)
Order Number LM4873IBL, LM4873ITL
See NS Package Number BLA20AAB for micro SMD
See NS Package Number TLA20AAA
micro SMD Marking
10099357
Top View
XY - Date Code
TT - Die Traceability
G - Boomer Family
I - LM4873IBL
10099328
Top View
XY - Date Code
TT - Die Traceability
G - Boomer Family
B2 - LM4873ITL
LM4873IBP Pin Designations
Pin (Bump) Number
Pin (Bump) Function
Pin (Bump) Number
Pin (Bump) Function
A1
-IN A
1
C3
V
DD
A2
-IN A
2
C4
+IN B
A3
-IN B
2
D1
+OUT A
A4
-IN B
1
D2
GND
B1
-OUT A
D3
GND
B2
GND
D4
+OUT B
B3
GND
E1
MUX CTRL
B4
-OUT B
E2
SHUTDOWN
C1
+IN A
E3
HP-IN
C2
V
DD
E4
BYPASS
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com