Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4931_06 Datasheet HTML 9Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 10Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 11Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 12Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 13Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 14Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 15Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 16Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
System Control (Continued)
When the part is configured as an I
2C device then the LM4931 will respond to one of two addresses, according to the ADDR input.
If ADDR is low then the address portion of the I
2C transaction should be set to write to 0010000. When ADDR is high then the
address input should be set to write to 1110000. The LM4931 uses the following 11 registers to store configuration information:
SYSTEM CONTROL TABLE
Address
Register Name
Description
00000000
BASIC_CONFIG
Controls the output mode configuration
00000001
VOICE_CONFIG
Controls the settings for the voice codec
00000010
MIC_GAIN
Controls the gain and muting of the microphone pre-amplifier
00000011
HP_GAIN
Controls the gain and muting of the headphone amplifier
00000100
LS_GAIN
Controls the gain and muting of the loudspeaker amplifier
00000101
PLL_M
Sets the PLL input divider
00000110
PLL_N
Sets the PLL feedback divider
00000111
PLL_P
Sets the PLL output divider
00001000
CLK_MUX
Configures the clock divider
00001001
INTERFACES
Controls the format of the PCM, I
2S and GPIO interfaces
00001010
PMC_CONFIG
Controls the power management functions
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com