Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 17Page - National Semiconductor (TI) LM4931 Datasheet HTML 18Page - National Semiconductor (TI) LM4931 Datasheet HTML 19Page - National Semiconductor (TI) LM4931 Datasheet HTML 20Page - National Semiconductor (TI) LM4931 Datasheet HTML 21Page - National Semiconductor (TI) LM4931 Datasheet HTML 22Page - National Semiconductor (TI) LM4931 Datasheet HTML 23Page - National Semiconductor (TI) LM4931 Datasheet HTML 24Page - National Semiconductor (TI) LM4931 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Clock Divider Configuration Registers
This register is used to control the multiplexers in the clock module.
DEFAULT CHART FOR CLK_MUX (08h)
DATA BIT
7
6
5
4
3
2
1
0
DEFAULT
0
0
0
0
0
0
0
0
CLK_MUX (08h) (SET = LOGIC 1, CLEAR = LOGIC 0)
Address
Register
Description
0
PLL_INPUT
Programs the PLL input multiplexer to select. (Note 12)
PLL_INPUT
PLL Input Source
0
MCLK
1I
2S Input Clock
1
FAST_CLOCK
If set the master clock is divided by two, for example allowing for a
24.576MHz or PCI clock to be used. (Note 12, 15)
FAST_CLOCK
MCLK Frequency
0
Normal
1
Divided by 2
2
AUDIO_CLK_SEL
Selects which clock is passed to the audio sub-system: (Note 12)
AUDIO_CLK_SEL
Audio Sub-system
Input Source
0
PLL Output
1
MCLK / MCLK/2
3
VOICE_CLK_SEL
Selects which clock is passed to the voice sub-system: (Note 12)
VOICE_CLK_SEL
Audio Sub-system
Input Source
0
PLL Output
1
MCLK / MCLK/2
4
PLL_DISABLE
Powers down the PLL if it is not required.
6:5
Q_DIV
Programs the Q divider (divides from the PLL output frequency of
12.288MHz).
6:5
Divide Value
00
12 (1.024MHz/8kHz)
01
8 (1.536MHz/12kHz)
10
6 (2.048MHz/16kHz)
11
4 (3.072MHz/24kHz)
7
RSVD
RESERVED (Note 14)
Note 15: For inputs greater than 50Mhz, the input clock divider FAST_CLOCK should be set.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com