Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4975A Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4975A
Description  5A SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4975A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4975A Datasheet HTML 9Page - STMicroelectronics L4975A Datasheet HTML 10Page - STMicroelectronics L4975A Datasheet HTML 11Page - STMicroelectronics L4975A Datasheet HTML 12Page - STMicroelectronics L4975A Datasheet HTML 13Page - STMicroelectronics L4975A Datasheet HTML 14Page - STMicroelectronics L4975A Datasheet HTML 15Page - STMicroelectronics L4975A Datasheet HTML 16Page - STMicroelectronics L4975A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Figure 8: Quiescent Drain Current vs. Supply
Voltage (0% duty cycle - see fig. 7A).
Figure 10: Quiescent Drain Current vs. Duty
Cycle
Figure 12: Reference Voltage (pin 14) vs.
Junction Temperature (see fig. 7)
Figure 9: Quiescent Drain Current vs. Junction
Temperature (0% duty cycle).
Figure 11: Reference Voltage (pin14) vs. Vi (see
fig. 7)
Figure 13: Reference Voltage (pin15) vs. Vi (see
fig. 7)
L4975A
13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com