Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # C310
Description  Designer’s Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C310 Datasheet(HTML) 1 Page - Coilcraft lnc.

  C310 Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
47
EPL2010 Series
Kit C412
EPL2014 Series
Kit C413
EPL3010 Series
Kit C431
EPL3012 Series
Kit C437
EPL3015 Series
Kit C405
ME3215 Series
Kit C408
ME3220 Series
Kit C386
MLC Series
Kit C387
MOS6020 Series
Kit C359
MSD1278Coupled Series
Kit C400
MSS1038 Series
Kit C391
MSS1048 Series
Kit C409
MSS1246 Series
Kit C410
MSS1246T HighTemp Series
Kit C417
MSS1260 Series
Kit C360
MSS1260T Series
Kit C418
MSS1278 Series
Kit C380
MSS1278T HighTemp Series
Kit C419
MSS4020 Series
Kit C381
MSS5121 Series
Kit C411
MSS5131 Series
Kit C362
MSS6122 Series
Kit C363
MSS6132 Series
Kit C364
MSS7341 Series
Kit C385
PFL1609 & PFL2010 Series
Kit C433
PFL2510 & PFL2512 Series
Kit C444
PFL4514 & PFL4517 Series
Kit C451
SER1052 High Current Series
Kit C421
SER1360 High Current Series
Kit C365
SER1400 High Current Series
Kit C427
SER1590 High Current Series
Kit C366
SER2000 High Current Series
Kit C374
SLC7530 Series
Kit C379
XAL & XFL (12 series)
42 parts:1.0, 2.2, 3.3 & 4.7 µH
Kit C454
To simplify your prototyping, we offer low cost Designer’s
Kits for many of our products. Each has an assortment of
standard values along with detailed product specifications.
We even offer free refills for the parts you use most often.
To purchase, call
800-322-2645 or order your kits on-line
at
http://www.coilcraft.com/kits
Designer’s Kits
SMT Products
RF Chip Inductors
0201DS Series
Kit C425A & B (5% tolerance)
0302CS Series
Kit C370 (5% tolerance)
0402AF Series
Kit C397 (5% tolerance)
0402CS Series
Kit C328A & B (5% tolerance)
Kit C328A-2 & B-2 (2% tolerance)
0402DF Series
Kit C462 (5% tolerance)
0402HLHighInductanceSeries
Kit C453 (5% tolerance)
0402HP Series
Kit C403A & B (5% tolerance)
Kit C403A-2 & B-2 (2% tolerance)
0402PA High Current Series
Kit C373 (5% tolerance)
LTE RF Chokes – 0402
Kit C461 (5% tolerance)
0403HQ High Q Series
Kit C371 (5% tolerance)
0603AF Series
Kit C439 (5% tolerance)
0603CS Series
Kit C324A & B (5% tolerance)
Kit C324A-2 & B-2 (2% tolerance)
0603CT Series
Kit C423 (5% tolerance)
Kit C423-2 (2% tolerance)
0603HC Series
Kit C339 (5% tolerance)
0603HL Series
Kit C449 (5% tolerance)
0603HP Series
Kit C406A & B (5% tolerance)
Kit C406A-2 & B-2 (2% tolerance)
0603LS Series
Kit C347 (5% tolerance)
0604HQ High Q Series
Kit C351 (5% tolerance)
0805AF Series
Kit C450 (5% tolerance)
0805CS Series
Kit C303 (5% tolerance)
Kit C303-2 (2% tolerance)
0805HQ High Q Series
Kit C325 (5% tolerance)
0805HT Series
Kit C321 (5% tolerance)
0805LS Series
Kit C354 (5% tolerance)
1008AF Series
Kit C414 (5% tolerance)
1008CS Series
Kit C300 (5% tolerance)
KitC300-2 (2%tolerance)
1008HQ High Q Serie
Kit C323 (5% tolerance)
Kit C323-2 (2% tolerance)
1008HT Series
Kit C322 (5% tolerance)
1008LS Series
Kit C336 (5% tolerance)
1206CS Series
Kit C320 (5% tolerance)
1812CS Series
Kit C337 (5% tolerance)
1812LS Series
Kit C314 (5% tolerance)
GA309x High-Current,High-Q
Kit C459
HA403x High-Q
Kit C458
Air Core Inductors
0806SQ,0807SQ,0908SQ
Square Series
Kit C424 (5% tolerance)
Kit C424-2 (2% tolerance)
1010 / 1212 / 2412VS Series
Kit C456 (20% tolerance)
1111SQ Square Series
Kit C457 (5% tolerance)
1515SQ,2222SQ,2929SQ
Square Series
Kit C438 (5% tolerance)
Kit C438-2 (2% tolerance)
Micro Spring™ Series
Kit C308 (5% tolerance)
Kit C308-2 (2% tolerance)
Mini Spring™ Series
Kit C302 (5% tolerance)
Kit C302-2 (2% tolerance)
Midi Spring® Series
Kit C318 (5% tolerance)
Kit C318-2 (2% tolerance)
Maxi Spring™ Series
Kit C319 (5% tolerance)
Kit C319-2 (2% tolerance)
Low Profile Mini Spring™
Series
Kit C394 (5% tolerance)
Kit C394-2 (2% tolerance)
RFID Transponder
Coils
5315TC Series
Kit C369
4308RV Series
Kit C383
EMI/RFI Filters
Common Mode
Data Line EMI Filters
Kit D303
USB Common Mode Filters
Kit C384
RF Transformers
PWB SeriesWideband
RFTransformers
Kit C404
WBC SeriesWideband RF
Transformers
Kit C393
LC Filters
Low Pass LC Filters
Kit D302
Unshielded Power
Wafer® Inductors
DO1605T Series
Kit C353
DO1606T Series
Kit C338
LPO2506 Series
Kit C332 (InBoard®)
Kit C333 (On-board)
LPO3010 Series
Kit C388
LPO3310 Series
Kit C375
LPO4812 Series
Kit C357
LPO4815 Series
Kit C376
LPO6013 Series
Kit C352
LPO6610 Series
Kit C367
Unshielded Power
Inductors
DO1607B Backlight Series
Kit C335
DO1608C Series
Kit C377
DO1813H High Current Series
Kit C331
DO2010 Series
Kit C399
DO3308P Series
Kit C309
DO3314 Series
Kit C358
DO3316H High Current Series
Kit C326
DO3316P Series
Kit C378
DO3316T HighTemp Series
Kit C396
DO3340P Series
Kit C310
DO5010H High Current Series
Kit C355
DO5022P Series
Kit C311
Shielded Power
Wafer® Inductors
LPS 30xx Shielded
Kit C392
LPS 3314 Series
Kit C330
LPS 40xx Series
Kit C401
LPS 4414 Series
Kit C340
LPS30xx / 40xx High L Series
Kit C402
LPS 5010 Series
Kit C407
LPS 5015 Series
Kit C350
LPS 5030 Series
Kit C420
LPS 6225 Series
Kit C349
LPS6235 Series
Kit C345
Shielded Power
Inductors
DO2010 Series
Kit C399
DS1608B Backlight Series
Kit C334
XAL1010 & XAL1060
High Current Series
Kit C435
XAL40xx Series
Kit C429
XAL50xx High Current Series
Kit C445
XAL60xx High Current Series
Kit C442
XAL7020 High Current Series
Kit C452
XAL7030 High Current Series
Kit C441
XAL7070 High Current Series
Kit C443
XFL2005 & XFL2006 Series
Kit C434
XFL3010 & XFL3012 Series
Kit C440 $125
XFL4012 & XFL4015 Series
Kit C455
XFL4020 Series
Kit C436
XPL2010 Series
Kit C428
PowerTransformers
CST Current Sensors
Kit C389
PoE300F30WattTransformers
Kit C398
PoE EPTransformers
Kit C395
PoETransformers
Kit C372
Miniature PoETransformers
Kit C382
PlanarTransformer
Prototyping Kit
Kit C356 $125
PL140 PlanarTransformers
Kit C390
PL160/PL300 Planar
Transformers
Kit C460
TH Products
RF Inductors
132,148 Series
HorizontalMount Inductors
Kit M304
“Slot Seven”7 mm
Tunable Inductors
Kit M106
“SlotTen”10 mm
Tunable Inductors
Kit M100
“Unicoil”7/10 mm
Tunable Inductors
Kit M302
“Unicoil”5 mm
Tunable Inductors
Kit M305
EMI/RFI Filters
Common Mode
Data Line EMI Filters
Kit D303
Power Inductors
Common Mode
Line Chokes
Kit P402
DC1012 Series
Kit P410 $115
PCV Series
Power Filter Chokes
Kit P405 $75
PCH27,45 Series
Axial Lead Power Chokes
Kit P409 $150
Power Magnetics
Current Sensors
KitP403
Base/Gate Driver
Transformers
Kit P404
LC Filters
Low Pass LC Filters
Kit D301 $60


Similar Part No. - C310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C310 ETC2-C310 Datasheet
696Kb / 4P
MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Intronics Power, Inc.
C310 INTRONICS-C310 Datasheet
646Kb / 4P
MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Coilcraft lnc.
C310 COILCRAFT-C310 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
logo
General Cable Technolog...
C3102 GENERAL-C3102 Datasheet
73Kb / 1P
TYPE CL2P / CMP
logo
Connor-Winfield Corpora...
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
Ultra-Miniature Precision TCXO / VCTCXO
More results

Similar Description - C310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
Evaluation Kits
Rev 0; 7/04
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
Evaluation Kits
Rev 0; 4/00
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
Evaluation Kits
Rev 2; 5/01
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
Evaluation Kits
Rev 1; 5/01
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
logo
Coilcraft lnc.
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
Designers Kits
C349 COILCRAFT-C349 Datasheet
237Kb / 4P
Designers Kits
logo
celduc-relais
1LK00100 CELDUC-1LK00100 Datasheet
239Kb / 1P
MOUNTING KITS
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
Starter Kits
logo
Maxim Integrated Produc...
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
Evaluation Kits
Rev 4; 3/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com