Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1240A Datasheet(PDF) 3 Page - STMicroelectronics

Part # LS1240A
Description  ELECTRONIC TWO - TONE RINGER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS1240A Datasheet(HTML) 3 Page - STMicroelectronics

  LS1240A Datasheet HTML 1Page - STMicroelectronics LS1240A Datasheet HTML 2Page - STMicroelectronics LS1240A Datasheet HTML 3Page - STMicroelectronics LS1240A Datasheet HTML 4Page - STMicroelectronics LS1240A Datasheet HTML 5Page - STMicroelectronics LS1240A Datasheet HTML 6Page - STMicroelectronics LS1240A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VAB
Calling Voltage (f = 50 Hz) Continuous
120
Vrms
VAB
Calling Voltage (f = 50 Hz) 5s ON/10s OFF
200
Vrms
DC
Supply Current
30
mA
Top
Operating Temperature
– 40 to + 70
°C
Tstg
Storage and Junction Temperature
– 65 to + 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max
100
°C/W
ELECTRICAL CHARACTERISTICS
(Tamb = 25
°C; Vs = applied between pins 7-2 unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
26
V
IB
Current Consumption without Load (pins 8-1)
V8-1 = 9.3 to 25 V
1.5
1.8
mA
VON
Activation Voltage
12.2
13.2
V
VOFF
Sustaining Voltage
8
9
V
RD
Differential Resistance in OFF Condition (pins 8-1)
6.4
k
Ω
VOUT
Output Voltage Swing
Vs – 5
V
IOUT
Short Circuit Current (pins 5-2)
Vs = 20V
RL = 250
Ω
70
mA
AC OPERATION
f1
f2
Output Frequencies
fout1
fout2
Vs = 26V, R1 = 14k
Ω
Vs = 0 V
Vs = 6V
1.74
1.22
2.14
1.6
kHz
fOUT1
fOUT2
1.33
1.43
Programming Resistor Range
8
56
k
Ω
fSWEEP
Sweep Frequency
R1 = 14k
Ω, C1 = 100nF 5.25
7.5
9.75
Hz
LS1240A
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com