Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1240AD1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LS1240AD1
Description  ELECTRONIC TWO - TONE RINGER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS1240AD1 Datasheet(HTML) 1 Page - STMicroelectronics

  LS1240AD1 Datasheet HTML 1Page - STMicroelectronics LS1240AD1 Datasheet HTML 2Page - STMicroelectronics LS1240AD1 Datasheet HTML 3Page - STMicroelectronics LS1240AD1 Datasheet HTML 4Page - STMicroelectronics LS1240AD1 Datasheet HTML 5Page - STMicroelectronics LS1240AD1 Datasheet HTML 6Page - STMicroelectronics LS1240AD1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LS1240A
July 1998
ELECTRONIC TWO - TONE RINGER
®
.
LOW CURRENT CONSUMPTION, IN ORDER
TO ALLOW THE PARALLEL OPERATION OF 4
DEVICES
.
INTEGRATED
RECTIFIER
BRIDGE
WITH
ZENER DIODES TO PROTECT AGAINST
OVERVOLTAGES
.
LITTLE EXTERNAL CIRCUITRY
.
TONE AND SWITCHING FREQUENCIES AD-
JUSTABLE BY EXTERNAL COMPONENTS
.
INTEGRATED VOLTAGE
AND CURRENT
HYSTERESIS
DESCRIPTION
LS1240A is a monolithic integrated circuit designed
to replace the mechanical bell in telephone sets in
connection with an electro-acoustical converter. It
can drive directly a piezoceramic converter (buzz-
er)or a dynamic loudspeaker.
The output current capability of LS1240A is higher
than standard ringer. For driving a dynamic loud-
speaker LS1240A can simply use a decoupling ca-
pacitor, thus eliminating the usual transformer.
No current limitation is provided on the output stage
of LS1240A, so a minimum load DC of 50
Ω is ad-
viced, in series with a proper capacitor.
The two tone frequencies generated are switched
by an internal oscillator in a fast sequence and made
audible across an output amplifier in the loud-
speaker, both tone frequencies and the switching
frequency can be externally adjusted.
The supply voltage is obtained from the AC ring sig-
nal and the circuit is designed so that noise on the
line or variations of the ringing signal cannot affect
correct operation of the device.
SO8
Minidip
ORDERING NUMBERS
Minidip
SO8
LS1240A
LS1240AD1
PIN CONNECTION (top view)
1/7


Similar Part No. - LS1240AD1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS1240AD1 STMICROELECTRONICS-LS1240AD1 Datasheet
496Kb / 7P
Electronic two-tone ringer
23-Aug-2006
logo
Wing Shing Computer Com...
LS1240AD1 WINGS-LS1240AD1 Datasheet
282Kb / 4P
Electronic Two-Tone Ringer
logo
STMicroelectronics
LS1240AD1 STMICROELECTRONICS-LS1240AD1 Datasheet
245Kb / 9P
Electronic two-tone ringer
23-Aug-2006
More results

Similar Description - LS1240AD1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3240 STMICROELECTRONICS-L3240 Datasheet
123Kb / 6P
ELETRONIC TWO-TONE RINGER
Jun-1993
LS1240A STMICROELECTRONICS-LS1240A Datasheet
496Kb / 7P
Electronic two-tone ringer
23-Aug-2006
logo
Wing Shing Computer Com...
LS1240A WINGS-LS1240A Datasheet
282Kb / 4P
Electronic Two-Tone Ringer
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
Tone Ringer
logo
Hynix Semiconductor
GL6840A HYNIX-GL6840A Datasheet
87Kb / 8P
Electronic Two Tone Ringer
GL6850 HYNIX-GL6850 Datasheet
37Kb / 3P
TWO TONE RINGER
GL6851 HYNIX-GL6851 Datasheet
35Kb / 3P
TWO TONE RINGER
logo
STMicroelectronics
LS1241 STMICROELECTRONICS-LS1241 Datasheet
175Kb / 3P
Electronic Two - Tone Ringer
LS1240A STMICROELECTRONICS-LS1240A Datasheet
245Kb / 9P
Electronic two-tone ringer
23-Aug-2006
logo
Hangzhou Youwang Electr...
UTC1240A YOUWANG-UTC1240A Datasheet
92Kb / 3P
ELECTRONIC DUAL-TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com