Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH120P065T Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IXTH120P065T
Description  Trench P-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXTH120P065T Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IXTH120P065T Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXTH120P065T Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISF1381
eq IXTH120P065T
Trench P-Channel MOSFET
www.iscsemi.com
1
FEATURES
· Drain Current -ID= -120A@ TC=25℃
· Drain Source Voltage -VDSS= -65V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 10mΩ(Max)@VGS= -10V
APPLICATIONS
· High-Side Switching
· Automatic Test Equipment
· Battery Charger Applications
· DC Choppers
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-65
V
VGS
Gate-Source Voltage-Continuous
±
15
V
ID
Drain Current-Continuous
-120
A
IDM
Drain Current-Single Pulse
-360
A
PD
Total Dissipation @TC=25℃
298
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.42
℃
/W


Similar Part No. - IXTH120P065T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH120P065T IXYS-IXTH120P065T Datasheet
195Kb / 6P
TrenchPTM Power MOSFETs P-Channel Enhancement Mode
More results

Similar Description - IXTH120P065T

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ001SF AUK-STJ001SF Datasheet
448Kb / 8P
P-channel Trench MOSFET
STJ004SF AUK-STJ004SF Datasheet
361Kb / 8P
P-channel Trench MOSFET
STJ009 AUK-STJ009 Datasheet
337Kb / 8P
P-channel Trench MOSFET
SUF3001 AUK-SUF3001 Datasheet
338Kb / 8P
Dual P-channel Trench MOSFET
logo
NXP Semiconductors
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
20 V, P-channel Trench MOSFET
10 March 2014
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
20 V, P-channel Trench MOSFET
27 November 2014
logo
Unisonic Technologies
UTC606P-H UTC-UTC606P-H Datasheet
169Kb / 3P
P-CHANNEL 1.8V TRENCH MOSFET
logo
Shanghai Leiditech Elec...
LM4148 LEIDITECH-LM4148 Datasheet
697Kb / 5P
P-Channel Trench MOSFET
LM8S18P04 LEIDITECH-LM8S18P04 Datasheet
922Kb / 5P
P-Channel Trench MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com