Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP04S60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SDP04S60
Description  SiC Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SDP04S60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SDP04S60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SDP04S60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISCD7067
eq SDP04S60
SiC Schottky Diode
www.iscsemi.com
1
FEATURES
· Switching Behavior Benchmark
· No Reverse Recovery
· No Forward Recovery
APPLICATIONS
· Free Wheeling Diodes
· AC/DC Converters
· Switch Mode Power Supplies (SMPS)
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitisve Peak Reverse Voltage
600
V
IF
Continuous Forward Current
Tc= 100°C
4
A
IFRMS
RMS Forward Current
f= 50Hz
5.6
A
IFSM
Non-Repetitive Forward Surge
Current
Tc= 25°C, tp= 10ms, Sine Half Wave
12.5
A
Ptot
Power Dissipation
Tc= 25°C
36.5
W
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.1
℃
/W
1 2 3


Similar Part No. - SDP04S60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDP04S60 INFINEON-SDP04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP04S60 INFINEON-SDP04S60 Datasheet
800Kb / 10P
Silicon Carbide Schottky Diode
Rev. 2.5 2008-06-02
SDP04S60 INFINEON-SDP04S60_08 Datasheet
800Kb / 10P
Silicon Carbide Schottky Diode
Rev. 2.5 2008-06-02
More results

Similar Description - SDP04S60

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com