Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2016-005-EB Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2016-005-EB
Description  High Power Reflective GaAs SP4T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016-005-EB Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2016-005-EB Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2016-005-EB Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Datasheet v3.0
FMS2016-005
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
ABSOLUTE
MAXIMUM
Max Input Power
Pin
+38dBm
Control Voltage
Vctrl
+6V
Operating Temperature
Toper
-40°C to +100°C
Storage Temperature
Tstor
-55°C to +150°C
Note: Exceeding any one of these absolute maximum
ratings may cause permanent damage to the device.
TRUTH TABLE:
V1
V2
V3
V4
PATH(S)
High
Low
Low
Low
RF1 to ANT
Low
High
Low
Low
RF2 to ANT
Low
Low
High
Low
RF3 to ANT
Low
Low
Low
High
RF4 to ANT
Note: High: 2.7V to 6V; Low: 0V to 0.2V
PAD LAYOUT:
8
RF2
GND
RF4
6
V1
3
4
5
12
Pin 1
RF1
V2
ANT
2
7
9
10
11
PADDLE
GND
RF3
V4
V3
PAD
REF
PAD
NAME
DESCRIPTION
1
RF1
RF Port 1
2
GND
Ground Connection
3
RF3
RF Port 3
4
V3
Vctrl3 (ANT to RF3)
5
N/C
No Connection
6
V4
Vctrl4 (ANT to RF4)
7
RF4
RF Port 4
8
GND
Ground Connection
9
RF2
RF Port 2
10
V2
Vctrl2 (ANT to RF2)
11
ANT
Antenna Port
12
V1
Vctrl1 (ANT to RF1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com