Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX10 Datasheet(PDF) 1 Page - Altech corporation

Part # CX10
Description  FEED THROUGH TERMINAL BLOCKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CX10 Datasheet(HTML) 1 Page - Altech corporation

  CX10 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEED THROUGH TERMINAL BLOCKS
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490
4
Width
Approvals
Height w DIN Rail
35 x 7.5 mm
35 x 15 mm
5 mm
38.0 mm
45.5 mm
CX2.5
Dimensions
Technical Data/Ratings
Installation Instructions
Grey (standard)
Red
R
Blue
BU
Black
BL
Orange
O
Green
G
Yellow
Y
White
W
CX2.5
100
CX2.5/R
100
CX2.5/BU
100
CX2.5BL
100
CX2.5/O
100
CX2.5/G
100
CX2.5/Y
100
CX2.5/W
100
Terminal Blocks
CX4
CX6
CX10
C
US
6 mm
38.0 mm
45.5 mm
CX4
100
CX4/R
100
CX4/BU
100
CX4BL
100
CX4/O
100
CX4/G
100
CX4/Y
100
CX4/W
100
8 mm
43.0 mm
50.5 mm
CX6
100
CX6/R
100
CX6/BU
100
CX6BL
100
CX6/O
100
CX6/G
100
CX6/Y
100
CX6/W
100
10 mm
Length
49.7 mm
54.8 mm
67.1 mm
71.7 mm
49.5 mm
57.0 mm
CX10
50
CX10/R
50
CX10/BU
50
CX10BL
50
CX10/O
50
CX10/G
50
CX10/Y
50
CX10/W
50
Wire Size (solid / stranded)
24-12 AWG
0.2-2.5 mm2
24-10 AWG
0.2-4 mm2
24-8 AWG
0.2-6 mm2
24-6 AWG
0.2-10 mm2
Voltage Rating
600 V
1000 V
600 V
1000 V
600 V
1000 V
600 V
1000 V
Screwdriver
0.5x3 mm
0.6x3.5 mm
0.8x4 mm
0.8x4 mm
Current Rating
20 A
24 A
30 A
32 A
50 A
41 A
65 A
57 A
Insulation Material
Polyamide 66
Polyamide 66
Polyamide 66
Polyamide 66
Wire Stripping Length
10 mm
10 mm
10 mm
18 mm
End Plate
Partition Plate
DIN Rail
End Stop
Shorting Link/
Jumpers
Warning Label
Test Plug
Marking Tag
EPCX2.5
50
PPCX4
20
2511120
20
CA701-15/S
20
CA702
50
CA802
50
CA103
50
JX2.5/2
100
JX2.5/3
50
JX2.5/4
50
JX2.5/10
10
2 pole
3 pole
4 pole
10 pole
WLX2.5
100
TX2.5
50
MT5
100
Accessories
Std. Pk.
EPCX4
50
PPCX4
20
2511120
20
CA701-15/S
20
CA702
50
CA802
50
CA103
50
JX4/2
100
JX4/3
50
JX4/4
50
JX4/10
10
WLX4
100
TX4
50
MT6
100
Std. Pk.
EPCX6
50
PPCX10
20
2511120
20
CA701-15/S
20
CA702
50
CA802
50
CA103
50
JX6/2
100
JX6/3
50
JX6/4
50
JX6/10
10
WLX6
100
TX6
50
MT8
100
Std. Pk.
EPCX10
20
PPCX10
20
2511120
20
CA701-15/S
20
CA702
50
CA802
50
CA103
50
JX10/2
20
JX10/3
JX10/4
JX10/10
WLX10
100
TX10
50
MT10
100
Std. Pk.
Cat. No.
Cat. No.
Cat. No.
Cat. No.
Std. Pk.
Std. Pk.
Std. Pk.
Std. Pk.
Cat. No.
Cat. No.
Cat. No.
Cat. No.
E220514
60947-7-1
C
US
60947-7-1
C
US
E220514
60947-7-1
C
US
E220514
60947-7-1
SPRING TERMINAL BLOCKS
CX SERIES
CB
SC H E M E


Similar Part No. - CX10

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
Crystal units surface mount type
CX1008SB37400B0FLF KSS-CX1008SB37400B0FLF Datasheet
298Kb / 1P
Crystal units surface mount type
CX1008SB37400B0GLF KSS-CX1008SB37400B0GLF Datasheet
298Kb / 1P
Crystal units surface mount type
CX1008SB37400C0FLF KSS-CX1008SB37400C0FLF Datasheet
298Kb / 1P
Crystal units surface mount type
CX1008SB37400C0GLF KSS-CX1008SB37400C0GLF Datasheet
298Kb / 1P
Crystal units surface mount type
More results

Similar Description - CX10

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3100305 PHOENIX-3100305 Datasheet
131Kb / 5P
Feed-through modular terminal block
0203137 PHOENIX-0203137 Datasheet
517Kb / 6P
High Voltage High Current Feed-Through Terminal Blocks
logo
Cooper Bussmann, Inc.
C7021-02N-1 COOPER-C7021-02N-1 Datasheet
94Kb / 1P
Power Feed Through Terminal Blocks
logo
Weidmuller
1020040000 WEIDMULLER-1020040000 Datasheet
682Kb / 18P
Feed-through terminal, Screw connection
October 4, 2021
1020080000 WEIDMULLER-1020080000 Datasheet
673Kb / 18P
Feed-through terminal, Screw connection
October 6, 2021
1023700000 WEIDMULLER-1023700000 Datasheet
525Kb / 11P
Feed-through terminal, Screw connection
October 6, 2021
1067940000 WEIDMULLER-1067940000 Datasheet
561Kb / 14P
Feed-through terminal, Double-tier terminal
September 18, 2021
2674550000 WEIDMULLER-2674550000 Datasheet
388Kb / 21P
FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
2753950000 WEIDMULLER-2753950000 Datasheet
386Kb / 21P
FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
2753960000 WEIDMULLER-2753960000 Datasheet
388Kb / 21P
FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com