Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2135S Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2135S
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135S Datasheet(HTML) 2 Page - Analog Devices

  SSM2135S Datasheet HTML 1Page - Analog Devices SSM2135S Datasheet HTML 2Page - Analog Devices SSM2135S Datasheet HTML 3Page - Analog Devices SSM2135S Datasheet HTML 4Page - Analog Devices SSM2135S Datasheet HTML 5Page - Analog Devices SSM2135S Datasheet HTML 6Page - Analog Devices SSM2135S Datasheet HTML 7Page - Analog Devices SSM2135S Datasheet HTML 8Page - Analog Devices SSM2135S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. E
–2–
SSM2135–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AUDIO PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
5.2
nV/
÷Hz
Current Noise Density
in
f = 1 kHz
0.5
pA/
÷Hz
Signal-To-Noise Ratio
SNR
20 Hz to 20 kHz, 0 dBu = 0.775 V rms
121
dBu
Headroom
HR
Clip Point = 1% THD+N, f = 1 kHz, RL = 10 k
W
5.3
dBu
Total Harmonic Distortion
THD+N
AV = +1, VO = 1 V p-p, f = 1 kHz, 80 kHz LPF
RL = 10 k
W
0.003
%
RL = 32
W
0.005
%
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 k
W, TA = 25∞C
0.6
0.9
V/
ms
Gain Bandwidth Product
GBW
3.5
MHz
Settling Time
tS
To 0.1%, 2 V Step
5.8
ms
INPUT CHARACTERISTICS
Input Voltage Range
VCM
0
4.0
V
Input Offset Voltage
VOS
VOUT = 2 V
0.2
2.0
mV
Input Bias Current
IB
VCM = 0 V, VOUT = 2 V
300
750
nA
Input Offset Current
IOS
VCM = 0 V, VOUT = 2 V
50
nA
Differential Input Impedance
ZIN
4M
W
Common-Mode Rejection
CMR
0 V
£ VCM £ 4 V, f = dc
87
112
dB
Large Signal Voltage Gain
AVO
0.01 V
£ VOUT £ 3.9 V, RL = 600 W
2V/
mV
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
RL = 100 k
W
4.1
V
RL = 600
W
3.9
V
Output Voltage Swing Low
VOL
RL = 100 k
W
3.5
mV
RL = 600
W
3.0
mV
Short Circuit Current Limit
ISC
±30
mA
POWER SUPPLY
Supply Voltage Range
VS
Single Supply
4
36
V
Dual Supply
±2
±18
V
Power Supply Rejection Ratio
PSRR
VS = 4 V to 6 V, f = dc
90
120
dB
Supply Current
ISY
VOUT = 2.0 V, No Load
VS = 5 V
2.8
6.0
mA
VS =
±18 V, VOUT = 0 V, No Load
3.7
7.6
mA
Specifications subject to change without notice.
(VS = 5 V, –40 C < TA < +85 C, unless otherwise noted.
Typical specifications apply at TA = +25 C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com