Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467GS Datasheet(PDF) 10 Page - Analog Devices

Part # OP467GS
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GS Datasheet(HTML) 10 Page - Analog Devices

Back Button OP467GS Datasheet HTML 6Page - Analog Devices OP467GS Datasheet HTML 7Page - Analog Devices OP467GS Datasheet HTML 8Page - Analog Devices OP467GS Datasheet HTML 9Page - Analog Devices OP467GS Datasheet HTML 10Page - Analog Devices OP467GS Datasheet HTML 11Page - Analog Devices OP467GS Datasheet HTML 12Page - Analog Devices OP467GS Datasheet HTML 13Page - Analog Devices OP467GS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OP467
Rev. F | Page 10 of 20
FREQUENCY (Hz)
–10
10
20
30
40
0
50
10k
100k
1M
10M
100M
VS1 = ±15V
–50
–40
–30
–20
VS2 = ±5V
VS1 = ±15V
VS2 = ±5V
RL = 10kΩ
CL = 50pF
Figure 24. Noninverting Gain vs. Supply Voltage
10
12
14
0
2
4
6
8
10
100
1k
LOAD RESISTANCE (Ω)
10k
VS = ±15V
TA = 25°C
POSITIVE
SWING
NEGATIVE
SWING
Figure 25. Output Swing vs. Load Resistance
4
5
0
1
2
3
10
100
1k
LOAD RESISTANCE (Ω)
10k
NEGATIVE
SWING
POSITIVE
SWING
VS = ±15V
TA = 25°C
Figure 26. Output Swing vs. Load Resistance
INPUT OFFSET VOLTAGE (VOS µV)
500
0
100
200
300
400
–100
–50
0
50
100
150
200
250
300
350
400
VS = ±15V
TA = 25°C
1252 × OP AMPS
Figure 27. Input Offset Voltage Distribution
INPUT OFFSET VOLTAGE (VOS µV)
500
0
100
200
300
400
–100
–50
0
50
100
150
200
250
300
350
400
VS = ±5V
TA = 25°C
1252 × OP AMPS
Figure 28. Input Offset Voltage Distribution
TC VOS (µV/°C)
500
0
100
200
300
400
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VS = ±15V
TA = 25°C
1252 × OP AMPS
Figure 29. TC VOS Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com