Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973V51 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4973V51
Description  3.5A STEP DOWN SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973V51 Datasheet(HTML) 5 Page - STMicroelectronics

  L4973V51 Datasheet HTML 1Page - STMicroelectronics L4973V51 Datasheet HTML 2Page - STMicroelectronics L4973V51 Datasheet HTML 3Page - STMicroelectronics L4973V51 Datasheet HTML 4Page - STMicroelectronics L4973V51 Datasheet HTML 5Page - STMicroelectronics L4973V51 Datasheet HTML 6Page - STMicroelectronics L4973V51 Datasheet HTML 7Page - STMicroelectronics L4973V51 Datasheet HTML 8Page - STMicroelectronics L4973V51 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Sink Output Current
200
300
µA
Supply Voltage Ripple
Rejection
VCOMP = VFB
CREF =4.7
µF 1-5mA load
current
60
80
dB
DC Open Loop Gain
RL =
∞
50
60
dB
Transconductance
Icomp = -0.1 to 0.1mA;
Vcomp =6V
2.5
mS
OSCILLATOR SECTION
Ramp valley
0.78
0.85
0.92
V
Ramp peak
VCC = 8V
1.9
2.1
2.3
V
VCC = 55V
9
9.6
10.2
V
Maximum Duty Cycle
95
97
%
Maximum Frequency
Duty Cycle = 0%; ROSC =
13K
Ω;COSC = 820pF;
500
KHz
SYNC FUNCTION
High Input Voltage
VCC = 8V to 55V
3.5
V
Low Input Voltage
VCC = 8V to 55V
0.9
V
Slave Sink Current
0.15
0.25
0.45
mA
Master Output Amplitude
Isource = 3mA
4
4.5
V
Output Pulse Width
no load, Vsync = 4.5V
0.20
0.35
µs
(*) Pulse testing with a low duty cycle.
(**) The maximum power dissipation of the package must be observed.
ELECTRICAL CHARACTERISTICS (continued)
L4973
VCC
C1
C2
R2
C7
C3
C4
C5
C6
R1
D1
L1
3 x
C0
C12
R3
R4
VO
C8
4,5,6
13,14,15
7,8
9
1
17
16
11
2,3
12
D97IN515B
(DIP18)
10
C1=1000
µF/63V
C2=220nF/63V
C3=470nF
C4=1
µF/50V
C5=220pF
C6=22nF
C7=2.7nF
C8=220nF/63V
C0=100
µF/40V(C9,C10,C11)
C12=Optional (220nF)
L1=150
µHK
OOL
µ 77310 - 40 Turns - 0.9mm
R1=9.1K
R2=20K
D1=GI SB560
VO(V)
R3(K
Ω)
R4(K
Ω)
3.3
5.1
12
15
18
24
0
2.7
12
16
20
30
4.7
4.7
4.7
4.7
4.7
L4973 V3.3
VO(V)
R3(K
Ω)
R4(K
Ω)
5.1
12
15
18
24
0
6.2
9.1
12
18
4.7
4.7
4.7
4.7
L4973 V5.1
Figure 1. Evaluation Board Circuit
L4973V3 - L4973V5 - L4973D3 - L4973D5
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com