Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482 Datasheet(PDF) 16 Page - Analog Devices

Part # OP482
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482 Datasheet(HTML) 16 Page - Analog Devices

Back Button OP482 Datasheet HTML 8Page - Analog Devices OP482 Datasheet HTML 9Page - Analog Devices OP482 Datasheet HTML 10Page - Analog Devices OP482 Datasheet HTML 11Page - Analog Devices OP482 Datasheet HTML 12Page - Analog Devices OP482 Datasheet HTML 13Page - Analog Devices OP482 Datasheet HTML 14Page - Analog Devices OP482 Datasheet HTML 15Page - Analog Devices OP482 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
OP282/OP482
Rev. F | Page 16 of 16
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
OP282ARMZ-R21
−40°C to +85°C
8-Lead MSOP
RM-8
A0B
OP282ARMZ-REEL1
−40°C to +85°C
8-Lead MSOP
RM-8
A0B
OP282GS
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP282GS-REEL
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP282GS-REEL7
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP282GSZ1
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP282GSZ-REEL1
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP282GSZ-REEL71
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
OP482GP
−40°C to +85°C
14-Lead PDIP
P-Suffix (N-14)
OP482GS
−40°C to +85°C
14-Lead SOIC
S-Suffix (R-14)
OP482GS-REEL
−40°C to +85°C
14-Lead SOIC
S-Suffix (R-14)
OP482GS-REEL7
−40°C to +85°C
14-Lead SOIC
S-Suffix (R-14)
OP482GSZ1
−40°C to +85°C
14-Lead SOIC
S-Suffix (R-14)
OP482GSZ-REEL1
−40°C to +85°C
14-Lead SOIC
S-Suffix (R-14)
OP482GSZ-REEL71
−40°C to +85°C
14-Lead SOIC
S-Suffix (R-14)
1 Z = Pb-free part.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00301–0–10/04(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com