Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QB-FN2-Q Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # QB-FN2-Q
Description  Quick-Build™ Harness Board System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

QB-FN2-Q Datasheet(HTML) 2 Page - PANDUIT CORP.

  QB-FN2-Q Datasheet HTML 1Page - PANDUIT CORP. QB-FN2-Q Datasheet HTML 2Page - PANDUIT CORP. QB-FN2-Q Datasheet HTML 3Page - PANDUIT CORP. QB-FN2-Q Datasheet HTML 4Page - PANDUIT CORP. QB-FN2-Q Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Quick-Build™ Harness Board System
Quick-Build™ Grid Tile
Quick-Build™ Mounting Pegs
Quick-Build™ Mounting Platform
Quick-Build™ Harness Board System
2
3
Part
Number
Description
Std.
Pkg.
Qty
QB-TILE
1’ X 1’ (305mm x 305mm) square base component that allows Quick-Build mounting pegs and platforms
to create a modular harness system. One package includes 8 tiles. Black.
1 PK
Part
Number
Description
Std.
Pkg.
Qty
QB-MOUNT-L
Peg can be positioned and relocated. Accepts single nail holders, five nail holders, and Quick-Build™
mounting platforms. Allows accessories to rotate as needed even after mounting peg is installed into
grid tile. Black.
50
Part
Number
Description
Std.
Pkg.
Qty
QB-BASE175-Q
Mounting platform that is inserted in Quick-Build mounting pegs 1.75” x 1.75” (44.45mm x 44.45mm).
Allows elastic retainers, wire end holders, corner posts, bundle retainers and other harness board
accessories to create a complete Quick-Build™ harness system. Compatible with: #4, #6, #8, and 1/4”
screws. Black.
25
QB-BASE120-Q
Mounting platform that is inserted in Quick-Build pegs 1.2” x 1.2” (30.48mm x 30.48mm). Allows test
fixtures corner posts, wire end holders, and other harness board accessories to be installed to provide
a complete Quick-Build™ harness system. Compatible with #8 screw size. Screw length will vary based
on test fixtures and accessories used. Note: Consider multiple QB-BASE120-Q components for large
test fixtures. Black.
25
Replacement Washers
Part Number
Qty
QB-WASHER-Q
25
• Install on top of plywood backing to provide mounting surface
• Secure to plywood with user supplied screws
• Repositionable to allow user to build different harness
configurations as needed
• Pointed end inserts through drawing secured to grid tiles,
providing the ability to create a harness on top of a drawing
Note: Required for use with Quick-Build mounting platform and Quick-Build nail
holders to provide a modular harness board system
• Requires the use of the Quick-Build mounting pegs to provide a modular solution
• Repositionable, allowing user to build different harness configurations as needed
• Provides the ability to rotate to allow breakouts and cable pathways to
accommodate various harness design requirements
• Use Quick-Build mounting screws (sold separately, see page 4) to secure
harness board accessories to the Quick-Build mounting platform
1
2
3,4
Savings Add Up!
Quick-Build™ Harness Board savings can add up based on your unique variable
information such as:
• Labor Cost/Hour
• Number of Board Variations / Harness Configurations
• Average Number of Changeovers for each Harness Annually



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com