Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

263 Datasheet(PDF) 1 Page - Walther-Werke

Part # 263
Description  Channel installation sockets IP 44
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALTHER [Walther-Werke]
Direct Link  http://www.walther-werke.de/
Logo WALTHER - Walther-Werke

263 Datasheet(HTML) 1 Page - Walther-Werke

  263 Datasheet HTML 1Page - Walther-Werke 263 Datasheet HTML 2Page - Walther-Werke 263 Datasheet HTML 3Page - Walther-Werke 263 Datasheet HTML 4Page - Walther-Werke  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part numbers
>
50 - 500 V
over 300 -
500 Hz
3pole 4pole 5pole
2h
2h
2h
>
50 - 500 V
100 -
300 Hz
3pole 4pole 5pole
10h
10h
10h
500 V
50 a. 60 Hz
3pole 4pole 5pole
7h
7h
7h
400 V
50 a. 60 Hz
3pole 4pole 5pole
9h
6h
6h
g
3
2 P + E
4
3 P + E
3 P + N + E
5
230 V
50 a. 60 Hz
3pole 4pole 5pole
6h
9h
9h
110 V
50 a. 60 Hz
3pole 4pole 5pole
4h
4h
4h
19
Other voltages and frequencies on request.
Part numbers in bold letters are standard versions.
Availability of blue printed (or not listed)
frequencies and voltages up to 690 V on request!
16
3
400 306
1
233
16
4
400 406
1
249
16
5
400
1
259
16
3
401 306
1
233
16
4
401 406
1
249
16
5
401
1
259
channel installation sockets IP 44
for TEHALIT steel sheet channel, with label
channel installation sockets IP 44
for TEHALIT steel sheet channel, with label & lock
16
3
402 306
1
255
16
4
402 406
1
271
16
5
402
1
281
channel installation sockets IP 44
for TEHALIT plastic channels, with label
channel installation sockets IP 44
for TEHALIT plastic channels, with label & lock
16
3
403 306
1
255
16
4
403 406
1
271
16
5
403
1
281
Channel installation sockets IP 44
400RW
402CW
401RW
403CW
Explanation of the part number suffixes: without suffix = RAL 7035 light grey
Use the suffixes to order other colourings: RW = RAL 9010 clear white, CW = RAL 9001 cream white, LA = lacquered aluminium
Explanation of the part number suffixes: without suffix = RAL 7035 light grey
Use the suffixes to order other colourings: RW = RAL 9010 clear white, CW = RAL 9001 cream white, LA = lacquered aluminium
Explanation of the part number suffixes: without suffix = RAL 7035 light grey
Use the suffixes to order other colourings: RW = RAL 9010 clear white, CW = RAL 9001 cream white, LA = lacquered aluminium
Explanation of the part number suffixes: without suffix = RAL 7035 light grey
Use the suffixes to order other colourings: RW = RAL 9010 clear white, CW = RAL 9001 cream white, LA = lacquered aluminium
4
Type 400LA installed in cable channel


Similar Part No. - 263

ManufacturerPart #DatasheetDescription
logo
Littelfuse
263 LITTELFUSE-263 Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
logo
Keystone Electronics Co...
263 KEYSTONE-263 Datasheet
397Kb / 1P
9 VOLT BATTERY CONTACTS
31-07 20th
logo
Wiha Tools
263 WIHA-263 Datasheet
239Kb / 1P
Wiha Hex Precision Series
263 07 WIHA-263 07 Datasheet
239Kb / 1P
Wiha Hex Precision Series
263 09 WIHA-263 09 Datasheet
239Kb / 1P
Wiha Hex Precision Series
More results

Similar Description - 263

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT92210 ZARLINK-MT92210 Datasheet
1Mb / 175P
1023 Channel Voice Over IP Processor
logo
Adam Technologies, Inc.
ICS628T ADAM-TECH-ICS628T Datasheet
117Kb / 1P
IC SOCKETS SINGLE & DUAL ROW SOCKETS
PLCC-20-AT ADAM-TECH-PLCC-20-AT Datasheet
128Kb / 2P
PLCC SOCKETS
logo
List of Unclassifed Man...
9148 ETC1-9148 Datasheet
44Kb / 1P
Extension Sockets
logo
Grayhill, Inc
22-16-2 GRAYHILL-22-16-2 Datasheet
36Kb / 1P
Sockets
logo
Hongfa Technology
41F HONGFA-41F Datasheet
125Kb / 3P
RELAY SOCKETS
41FSOCKETS HONGFA-41FSOCKETS Datasheet
125Kb / 3P
 RELAY SOCKETS
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
RELAY SOCKETS
logo
Littelfuse
OT08PC LITTELFUSE-OT08PC Datasheet
210Kb / 1P
SOCKETS
2016
logo
FIBOX Enclosing innovat...
3541564 FIBOX-3541564 Datasheet
42Kb / 1P
Ventilation device IP 44
17.08.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com