Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4981X Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4981X
Description  POWER FACTOR CORRECTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981X Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4981X Datasheet HTML 4Page - STMicroelectronics L4981X Datasheet HTML 5Page - STMicroelectronics L4981X Datasheet HTML 6Page - STMicroelectronics L4981X Datasheet HTML 7Page - STMicroelectronics L4981X Datasheet HTML 8Page - STMicroelectronics L4981X Datasheet HTML 9Page - STMicroelectronics L4981X Datasheet HTML 10Page - STMicroelectronics L4981X Datasheet HTML 11Page - STMicroelectronics L4981X Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
C7
C8
R8
R7
R6
R14
74
BRIDGE
C1
L4981A
15
16
R15
19
C12
D4
D3
C5
T
13
14
C9
R12
3
C11
R13
MOS
D5
R17
20
R11
R3
R5
C3
R4
C4
R16
C6
C10
1
R2
R10
R1
R9
D1
6
11
12
17
10
18
9
5
8
2
FUSE
Vi
C2
+
-
Vo=400V
D93IN029B
85VAC-265VAC
D2
RS
R21
Figure 9A: L4981A Power Factor Corrector (200W)
C1
470nF
400V
C2
100
µF
450V
C3
2.2nF
C4
1nF
C5
100
µF
25V
C6
1
µF
16V
C7
220nF
63V
C8
220nF
63V
C9
330nF
C10
1
µF
16V
C11
270pF
400V
C12
8.2nF
100V
D1
STTA506D
D2, D3
1N4148
D4
18V
1/2W
D5
BYT11-600
MOS
STH/STW15NA50
FUSE = 4A/250V
RS
0.07(3 x .22)
1/2W
5%
R1
820k
Ω
1/4W
1%
R2
10k
Ω
1/4W
1%
R3
1.8k
Ω
1/4W
5%
R4
1.8k
Ω
1/4W
5%
R5
18k
Ω
1/4W
5%
R6
1.2M
Ω
1/4W
5%
R7
360k
Ω
1/4W
5%
R8
33k
Ω
1/4W
5%
R9
1.8M
Ω
1/4W
1%
R10
21k
Ω
1/4W
1%
R11
402
Ω
1/4W
1%
R12
120k
Ω
1/4W
5%
R13
27
Ω
1/4W
5%
R14
1M
Ω
1/4W
1%
R15
120k
Ω
1/2W
5%
R16
30k
Ω
1/4W
5%
R17
1.8k
Ω
4W
1%
R21
5.1k
Ω
1/4W
1%
BRIDGE = 4 x P600M
PART LIST
T= primary: 88 turns of 12 x 32 AWG (0.2mm)
secondary: 9 turns of # 27AWG (0.15mm)
core: B1ET3411A THOMSON - CSF
gap: 1,6mm for a total primary inductance of
0.9mH
fSW = 80kHz PO = 200W
VOUT = 400V Irms max = 2.53A
VOVP = 442V IPK max = 6.2A
L4981A - L4981B
8/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com