Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4990 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4990
Description  PRIMARY CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4990 Datasheet HTML 7Page - STMicroelectronics L4990 Datasheet HTML 8Page - STMicroelectronics L4990 Datasheet HTML 9Page - STMicroelectronics L4990 Datasheet HTML 10Page - STMicroelectronics L4990 Datasheet HTML 11Page - STMicroelectronics L4990 Datasheet HTML 12Page - STMicroelectronics L4990 Datasheet HTML 13Page - STMicroelectronics L4990 Datasheet HTML 14Page - STMicroelectronics L4990 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Tss ≅
3
⋅ Rsense ⋅ IQpk
ISSC
⋅ Css
(6)
where Rsense is the current sense resistor (see pin
13) and IQpk is the switch peak current (flowing
through Rsense), which depends on the output
load. Usually, CSS is selected for a TSS in the or-
der of milliseconds.
As mentioned before, the soft-start intervenes
also in case of severe overload or short circuit on
the output. Referring to fig. 23, pulse-by-pulse
current limitation is somehow effective as long as
the ON-time of the power switch can be reduced
(from A to B). After the minimum ON-time is
reached (from B onwards) the current is out of
control.
To prevent this risk, a comparator trips an over-
current handling procedure, named ’hiccup’ mode
operation, when a voltage above 1.2V (point C) is
detected on current sense input (ISEN, pin 13).
Basically, the IC is turned off and then soft-started
as long as the fault condition is detected. As a re-
sult, the operating point is moved abruptly to D,
creating a foldback effect. Fig. 24 illustrates the
operation.
The oscillation frequency appearing on the soft-
start capacitor in case of permanent fault, referred
to as ’hiccup” period, is approximately given by:
Thic ≅ 4.5 ⋅
1
ISSC
+
1
ISSD
⋅ Css (7)
Since the system tries restarting each hiccup cy-
cle, there is not any latchoff risk.
VOUT
TON
D.C.M.
C.C.M.
D
A
B
C
IQpk
TON(min)
1-2 ·IQpk
IQpk(max)
IOUT
ISHORT IOUT(max)
D97IN495
Figure 23. Regulation characteristic and re-
lated quantities
7V
Thic
time
SHORT
IOUT
ISEN
FAULT
SS
5V
0.5V
D97IN496
Figure 24. Hiccup mode operation.
L4990 - L4990A
11/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com