Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481GSZ Datasheet(PDF) 15 Page - Analog Devices

Part # OP481GSZ
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481GSZ Datasheet(HTML) 15 Page - Analog Devices

Back Button OP481GSZ Datasheet HTML 11Page - Analog Devices OP481GSZ Datasheet HTML 12Page - Analog Devices OP481GSZ Datasheet HTML 13Page - Analog Devices OP481GSZ Datasheet HTML 14Page - Analog Devices OP481GSZ Datasheet HTML 15Page - Analog Devices OP481GSZ Datasheet HTML 16Page - Analog Devices OP481GSZ Datasheet HTML 17Page - Analog Devices OP481GSZ Datasheet HTML 18Page - Analog Devices OP481GSZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
OP281/OP481
Rev. C | Page 15 of 20
LOW-SIDE CURRENT MONITOR
In the design of power-supply control circuits, a great deal of
design effort is focused on ensuring the long-term reliability of
a pass transistor over a wide range of load current conditions.
As a result, monitoring and limiting device power dissipation is
of primary importance in these designs. Figure 42 shows an
example of a 5 V, single-supply current monitor that can be
incorporated into the design of a voltage regulator with fold-
back current limiting or a high current power supply with
crowbar protection. The design capitalizes on the OPx81’s
common-mode range extending to ground. Current is
monitored in the power-supply return path, where a 0.1 Ω
shunt resistor, RSENSE, creates a very small voltage drop. The
voltage at the inverting terminal becomes equal to the voltage at
the noninverting terminal through the feedback of Q1, which is
a 2N2222 or an equivalent NPN transistor. This makes the
voltage drop across R1 equal to the voltage drop across RSENSE.
Therefore, the current through Q1 becomes directly
proportional to the current through RSENSE, and the output
voltage is given by the following equation:
⎟
⎠
⎞
⎜
⎝
⎛
×
×
−
=
L
SENSE
EE
OUT
I
R
R
R
V
V
1
2
The voltage drop across R2 increases as IL increases; therefore,
VOUT decreases if a higher supply current is sensed. For the
element values shown, the VOUT transfer characteristic is
−2.5 V/A, decreasing from VEE.
5V
RETURN TO
GROUND
5V
R2
2.49kΩ
VOUT
R1
100Ω
0.1Ω
RSENSE
Q1
SINGLE
CHANNEL
OPx81
Figure 42. Low-Side Load Current Monitor
LOW VOLTAGE HALF-WAVE AND FULL-WAVE
RECTIFIERS
Because of its quick overdrive recovery time, an OP281 can be
configured as a full-wave rectifier for low frequency (<500 Hz)
applications. Figure 43 shows the schematic.
3V
OP281-A
VIN = 2V p-p
2kΩ
3V
OP281-B
A2
R1
100kΩ
R2
100kΩ
FULL-WAVE
RECTIFIED
OUTPUT
HALF-WAVE
RECTIFIED
OUTPUT
A1
Figure 43. Single-Supply Full-Wave and Half-Wave Rectifiers Using an OP281
10
0%
100
90
SCALE
0.1V/DIV
SCALE
0.1ms/DIV
Figure 44. Full-Wave Rectified Signal
Amplifier A1 is used as a voltage follower that tracks the input
voltage only when it is greater than 0 V. This provides a half-
wave rectification of the input signal to the noninverting
terminal of Amplifier A2. When A1’s output is following the
input, the inverting terminal of A2 also follows the input from
the virtual ground between the inverting and noninverting
terminals of A2. With no potential difference across R1, no
current flows through either R1 or R2; therefore, the output of
A2 also follows the input. When the input voltage goes below
0 V, the noninverting terminal of A2 becomes 0 V. This makes
A2 work as an inverting amplifier with a gain of 1 and provides
a full-wave rectified version of the input signal. A 2 kΩ resistor
in series with A1’s noninverting input protects the device when
the input signal becomes less than ground.
BATTERY-POWERED TELEPHONE HEADSET
AMPLIFIER
Figure 45 shows how the OP281 can be used as a two-way
amplifier in a telephone headset. One side of the OP281 can be
used as an amplifier for the microphone, and the other side can
be used to drive the speaker. A typical telephone headset uses a
600 Ω speaker and an electret microphone that requires a
supply voltage and a biasing resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com