Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5521
Description  400 MHz - 4000 MHz Low Noise Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 9Page - Analog Devices ADL5521 Datasheet HTML 10Page - Analog Devices ADL5521 Datasheet HTML 11Page - Analog Devices ADL5521 Datasheet HTML 12Page - Analog Devices ADL5521 Datasheet HTML 13Page - Analog Devices ADL5521 Datasheet HTML 14Page - Analog Devices ADL5521 Datasheet HTML 15Page - Analog Devices ADL5521 Datasheet HTML 16Page - Analog Devices ADL5521 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Preliminary Technical Data
ADL5521
Rev. PrC| Page 13 of 45
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
ADL5521
VBIAS 1
RFIN 2
NC 3
NC 4
5 NC
6 NC
7 RFOUT
8 VPOS
Top View
(not to scale)
Exposed Pad
Figure 2. 8-Lead LFCSP
Table 3. Pin Function Descriptions- 8Lead CSP
Pin No.
Mnemonic
Description
1
VBIAS
Bias: Internal DC bias. This pin should be connected to VPOS
through a 3.3K
Ω resistor for optimum performance
2
RFIN
RF Input: Input to LNA
3,4,5,6
NC
NC: No internal connection
7
RFOUT
RF Output: Must be AC-coupled.
8
VPOS
Supply: VDD bias needs to be bypassed to ground using
low-inductance capacitors. The recommended
configuration is for the output matching to be done on this
pin. See schematics in applications section.
Exposed pad
EP
Exposed Paddle: Connect to a low impedance ground plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com