Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2550-6002-AR. Datasheet(PDF) 2 Page - 3M Electronics

Part # D2550-6002-AR.
Description  3M™ Four‑Wall Header
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D2550-6002-AR. Datasheet(HTML) 2 Page - 3M Electronics

  D2550-6002-AR. Datasheet HTML 1Page - 3M Electronics D2550-6002-AR. Datasheet HTML 2Page - 3M Electronics D2550-6002-AR. Datasheet HTML 3Page - 3M Electronics D2550-6002-AR. Datasheet HTML 4Page - 3M Electronics D2550-6002-AR. Datasheet HTML 5Page - 3M Electronics D2550-6002-AR. Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
TS-2244-G
Sheet 2 of 5
3M™ Four‑Wall Header
.100” x .100” Low Profile, Straight Through-Hole
D2500 Series
Ordering Information
D25XX-6002-AR
Pin Quantity:
(See Table 1)
Solder Tail
02 = for .062 [1.57] thick board
Plating:
AR = 10 µ” [0.25 µm] Gold (RIA E1 & C1 apply)
Inch
(mm)
± .005
± .1
±
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
C
Table 1
Pin Qty
Dimensions
Polarizing
Notches
A
B
6
0.588 (14.94)
0.508
(12.90)
B
8
0.688
(17.48)
0.608
(15.44)
B
10
0.788
(20.02)
0.708
(17.98)
BC
14
0.988
(25.10)
0.908
(22.06)
BCDE
16
1.088
(27.64)
1.008
(25.60)
ABCDE
20
1.288
(32.72)
1.208
(30.68)
ABCDE
24
1.488
(37.80)
1.408
(35.76)
ABCDE
26
1.588
(40.34)
1.508
(38.30)
ABCDE
30
1.788
(45.42)
1.708
(43.38)
ABCDE
34
1.988
(50.50)
1.908
(48.46)
ABCDE
36
2.088 (53.04)
2.008
(51.00)
ABCDE
40
2.288
(58.12)
2.208
(56.08)
ABCDE
50
2.788
(70.82)
2.708
(68.78)
ABCDE
60
3.288
(83.52)
3.208
(81.48)
ABCDE
64
3.488
(88.60)
3.408
(86.56)
ABCDE
.194
PIN 1
.228
NOTCH B
4.93
SEE TABLE 1
5.79
NOTCH D
.100
2.54
8.59
B
.338
NOTCH E
REF.
2.54
.250
.100
6.35
A
4.19
SEE TABLE 1 & NOTE 1
A
7.57
.165
.298
NOTCH C
A
SEE TABLE 1 & NOTE 1
.390
9.91
POSITION 1
ORIENTATION TRIANGLE
NOTCH A
.243
6.43
6.17
.25
.112 +/- .01[2.84] for 02
0.013
TYP
.0005
0.62
.0245
.194
PIN 1
.228
NOTCH B
4.93
SEE TABLE 1
5.79
NOTCH D
.100
2.54
8.59
B
.338
NOTCH E
REF.
2.54
.250
.100
6.35
A
4.19
SEE TABLE 1 & NOTE 1
A
7.57
.165
.298
NOTCH C
A
SEE TABLE 1 & NOTE 1
.390
9.91
POSITION 1
ORIENTATION TRIANGLE
NOTCH A
.243
6.43
6.17
.25
.112 +/- .01[2.84] for 02
0.013
TYP
.0005
0.62
.0245



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com