Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP491GP Datasheet(PDF) 21 Page - Analog Devices

Part # OP491GP
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491GP Datasheet(HTML) 21 Page - Analog Devices

Back Button OP491GP Datasheet HTML 16Page - Analog Devices OP491GP Datasheet HTML 17Page - Analog Devices OP491GP Datasheet HTML 18Page - Analog Devices OP491GP Datasheet HTML 19Page - Analog Devices OP491GP Datasheet HTML 20Page - Analog Devices OP491GP Datasheet HTML 21Page - Analog Devices OP491GP Datasheet HTML 22Page - Analog Devices OP491GP Datasheet HTML 23Page - Analog Devices OP491GP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
OP191/OP291/OP491
Rev. D | Page 21 of 24
A 3 V, COLD JUNCTION COMPENSATED
THERMOCOUPLE AMPLIFIER
The OP291 low supply operation makes it ideal for 3 V battery-
powered applications such as the thermocouple amplifier
shown in Figure 70. The K-type thermocouple terminates in an
isothermal block where the junction ambient temperature is
continuously monitored using a simple 1N914 diode. The diode
corrects the thermal EMF generated in the junctions by feeding
a small voltage, scaled by the 1.5 MΩ and 475 Ω resistors, to the
op amp.
To calibrate this circuit, immerse the thermocouple measuring
junction in a 0°C ice bath and adjust the 500 Ω potentiometer
to 0 V out. Next, immerse the thermocouple in a 250°C
temperature bath or oven and adjust the scale adjust
potentiometer for an output voltage of 2.50 V. Within this
temperature range, the K-type thermocouple is accurate to
within ±3°C without linearization.
8
1
4
3
2
OP291
500Ω
10 TURN
ZERO
ADJUST
24.3kΩ
1%
7.15kΩ
1%
24.9kΩ
1%
2.1kΩ
1%
475Ω
1%
1.5MΩ
1%
1N914
AL
CR
ISOTHERMAL
BLOCK
ALUMEL
CHROMEL
COLD
JUNCTIONS
K-TYPE
THERMOCOUPLE
40.7μV/°C
10kΩ
3.0V
AD589
1.33MΩ 20kΩ
SCALE
ADJUST
VOUT
0V = 0°C
3V = 300°C
1.235V
11.2mV
4.99kΩ
1%
1/2
Figure 70. A 3 V, Cold Junction Compensated Thermocouple Amplifier
SINGLE-SUPPLY, DIRECT ACCESS ARRANGEMENT
FOR MODEMS
An important building block in modems is the telephone line
interface. In the circuit shown in Figure 71, a direct access
arrangement is used to transmit and receive data from the
telephone line. Amplifier A1 is the receiving amplifier;
Amplifier A2 and Amplifier A3 are the transmitters. The fourth
amplifier, A4, generates a pseudo ground halfway between the
supply voltage and ground. This pseudo ground is needed for
the ac-coupled bipolar input signals.
The transmit signal, TXA, is inverted by A2 and then reinverted
by A3 to provide a differential drive to the transformer, where
each amplifier supplies half the drive signal. This is needed
because of the smaller swings associated with a single supply as
opposed to a dual supply. Amplifier A1 provides some gain for
the received signal, and it also removes the transmit signal
present at the transformer from the received signal. To do this,
the drive signal from A2 is also fed to the noninverting input of
A1 to cancel the transmit signal from the transformer.
RXA
1/4
OP491
37.4kΩ
A1
3.3kΩ
0.0047μF
A2
20kΩ,1%
475Ω,1%
0.033μF
37.4kΩ,1%
390pF
750pF
0.1μF
0.1μF
A3
T1
1:1
5.1V TO 6.2V
ZENER 5
A4
100kΩ
100kΩ
3V OR 5V
10μF0.1μF
20kΩ,1%
20kΩ,1%
20kΩ,1%
TXA
20kΩ,1%
13
12
14
8
10
9
1/4
OP491
7
6
5
1/4
OP491
3
1
2
1/4
OP491
4
11
Figure 71. Single-Supply, Direct Access Arrangement for Modems
The OP491 bandwidth of 3 MHz and rail-to-rail output swings
ensure that it can provide the largest possible drive to the
transformer at the frequency of transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com