Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4990AD Datasheet(PDF) 21 Page - STMicroelectronics

Part # L4990AD
Description  PRIMARY CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990AD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L4990AD Datasheet HTML 16Page - STMicroelectronics L4990AD Datasheet HTML 17Page - STMicroelectronics L4990AD Datasheet HTML 18Page - STMicroelectronics L4990AD Datasheet HTML 19Page - STMicroelectronics L4990AD Datasheet HTML 20Page - STMicroelectronics L4990AD Datasheet HTML 21Page - STMicroelectronics L4990AD Datasheet HTML 22Page - STMicroelectronics L4990AD Datasheet HTML 23Page - STMicroelectronics L4990AD Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
L4990
D97IN511A
DC
VCC
VREF
R
START
3
12
8
4
11
Figure 40. Protection against overvol-
tage/feedback disconnection (not
latched)
D97IN512A
PGND
L4990
OPTIONAL
VREF
SGND
DIS
ISEN
I
4
14
13
12
11
RSENSE
R
2
R1
Ipk
Ipk max ≅
2.5
RSENSE
1-
R
2
R1
•
Figure 41. Device shutdown on overcurrent
D97IN513
PGND
L4990
OUT
SGND
ISEN
Lp
RFF
R
VIN
RFF = 5·10
6
R·Lp
RSENSE
RSENSE
13
10
12
11
80
÷ 400V
DC
Figure 42. Constant power in pulse-by-pulse current limitation (flyback discontinuous)
REFERENCES
[1] Efficient active Clamp for Off-line Applications using L4990 and L6380 (N.Tricomi, G. Gattavari,
C. Adragna, PCIM96 - NURBERG).
[2] 25W Off-Line Autoranging Battery Charger with L4990 (AN889)
[3] 300W Secondary Controlled Two-Switch Forward Converter with L4990 (AN890)
[4] SMPS with L4990 for Multisync Monitors (AN891)
[5] High performance VRM using L4990A, for Pentium Pro
® processor (AN908).
L4990
DC
10K
COMP
3
6
12
13
SGND
ISEN
D97IN570A
Figure 43. Voltage mode operation.
L4990 - L4990A
21/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com