Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP484ES Datasheet(PDF) 3 Page - Analog Devices

Part # OP484ES
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ES Datasheet(HTML) 3 Page - Analog Devices

  OP484ES Datasheet HTML 1Page - Analog Devices OP484ES Datasheet HTML 2Page - Analog Devices OP484ES Datasheet HTML 3Page - Analog Devices OP484ES Datasheet HTML 4Page - Analog Devices OP484ES Datasheet HTML 5Page - Analog Devices OP484ES Datasheet HTML 6Page - Analog Devices OP484ES Datasheet HTML 7Page - Analog Devices OP484ES Datasheet HTML 8Page - Analog Devices OP484ES Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
@ VS = 5.0 V, VCM = 2.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage, OP184/OP284E Grade1
VOS
65
μV
−40°C ≤ TA ≤ +125°C
165
μV
Offset Voltage, OP184/OP284F Grade1
VOS
125
μV
−40°C ≤ TA ≤ +125°C
350
μV
Offset Voltage, OP484E Grade1
VOS
75
μV
–40°C ≤ TA ≤ +125°C
175
μV
Offset Voltage, OP484F Grade1
VOS
150
μV
–40°C ≤ TA ≤ +125°C
450
μV
Input Bias Current
IB
60
450
nA
–40°C ≤ TA ≤ +125°C
600
nA
Input Offset Current
IOS
2
50
nA
–40°C ≤ TA ≤ +125°C
50
nA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
60
dB
VCM = 1.0 V to 4.0 V, −40°C ≤ TA ≤ +125°C
86
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, 1 V ≤ VO ≤ 4 V
50
240
V/mV
RL = 2 kΩ, −40°C ≤ TA ≤ +125°C
25
V/mV
Bias Current Drift
ΔIB/ΔT
150
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1.0 mA
4.85
V
Output Voltage Low
VOL
IL = 1.0 mA
125
mV
Output Current
IOUT
±6.5
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.0 V to 10 V, −40°C ≤ TA ≤ +125°C
76
dB
Supply Current/Amplifier
ISY
VO = 2.5 V, −40°C ≤ TA ≤ +125°C
1.45
mA
Supply Voltage Range
VS
3
36
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
1.65
2.4
V/μs
Settling Time
tS
To 0.01%, 1.0 V step
2.5
μs
Gain Bandwidth Product
GBP
3.25
MHz
Phase Margin
Øo
45
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.3
μV p-p
Voltage Noise Density
en
f = 1 kHz
3.9
nV/√Hz
Current Noise Density
in
0.4
pA/√Hz
1 Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com