Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP484ESZ Datasheet(PDF) 18 Page - Analog Devices

Part # OP484ESZ
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484ESZ Datasheet(HTML) 18 Page - Analog Devices

Back Button OP484ESZ Datasheet HTML 14Page - Analog Devices OP484ESZ Datasheet HTML 15Page - Analog Devices OP484ESZ Datasheet HTML 16Page - Analog Devices OP484ESZ Datasheet HTML 17Page - Analog Devices OP484ESZ Datasheet HTML 18Page - Analog Devices OP484ESZ Datasheet HTML 19Page - Analog Devices OP484ESZ Datasheet HTML 20Page - Analog Devices OP484ESZ Datasheet HTML 21Page - Analog Devices OP484ESZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 18 of 24
Second, the op amp amplifies the output signal to provide a rail-
to-rail output swing. In this particular case, the gain is set to 4.1
so that the circuit generates a 5 V output when the DAC output
is at full scale. If other output voltage ranges are needed, such as
0 V ≤ V
, C ), as shown in
A snubber consists of a series R-C network (RS
S
Figure 56, connected from the output of the device to ground.
This network operates in parallel with the load capacitor, CL, to
provide the necessary phase lag compensation. The value of the
resistor and capacitor is best determined empirically.
OUT
≤ 4.095 V, the gain can be easily changed by adjusting
the values of R2 and R3.
RS
50Ω
0.1µF
CL
1nF
CS
100nF
5V
VIN
100mV p-p
VOUT
1/2
OP284
HIGH-SIDE CURRENT MONITOR
In the design of power supply control circuits, a great deal of
design effort is focused on ensuring the long-term reliability a
of a pass transistor over a wide range of load current conditions.
As a result, monitoring and limiting device power dissipation is
of prime importance in these designs. The circuit illustrated in
Figure 55 is an example of a 3 V, single-supply, high-side current
monitor that can be incorporated into the design of a voltage
regulator with fold-back current limiting or a high current
power supply with crowbar protection. This design uses an
OP284’s rail-to-rail input voltage range to sense the voltage
drop across a 0.1 Ω current shunt. A P-channel MOSFET used
as the feedback element in the circuit converts the op amp’s
differential input voltage into a current. This current is applied
to R2 to generate a voltage that is a linear representation of the
load current. The transfer equation for the current monitor is
given by
Figure 56. Snubber Network Compensates for Capacitive Load
The first step is to determine the value of Resistor RS. A good
starting value is 100 Ω (typically, the optimum value is less than
100 Ω). This value is reduced until the small-signal transient
response is optimized. Next, CS is determined; 10 μF is a good
starting point. This value is reduced to the smallest value for
acceptable performance (typically, 1 μF). For the case of a 10 nF
load capacitor on the OP284, the optimal snubber network is a
20 Ω in series with 1 μF. The benefit is immediately apparent, as
shown in the scope photo in Figure 57. The top trace was taken
with a 1 nF load, and the bottom trace was taken with the 50 Ω,
100 nF snubber network in place. The amount of overshoot and
ringing is dramatically reduced.
L
SENSE
I
R1
R
R2
×
⎟
⎠
⎞
⎜
⎝
⎛
×
Monitor Output =
Table 6 shows a few sample
snubber networks for large load capacitors.
For the element values shown, the transfer characteristic of the
monitor output is 2.5 V/A.
2µs
100
90
10
0%
50mV
1nF LOAD
ONLY
SNUBBER
IN
CIRCUIT
DLY
5.49µs
50mV
B
W
RSENSE
0.1Ω
IL
8
1
4
3
3V
3V
G
S
D
2
M1
SI9433
MONITOR
OUTPUT
3V
1/2
OP284
R1
100Ω
R2
2.49kΩ
0.1µF
Figure 57. Overshoot and Ringing Is Reduced by Adding a Snubber Network
in Parallel with the 1 nF Load
Figure 55. High-Side Load Current Monitor
Table 6. Snubber Networks for Large Capacitive Loads
CAPACITIVE LOAD DRIVE CAPABILITY
Load Capacitance (C
The OP284 exhibits excellent capacitive load driving capa-
bilities. It can drive up to 1 nF, as shown in Figure 28. Even
though the device is stable, a capacitive load does not come
without penalty in bandwidth. The bandwidth is reduced to less
than 1 MHz for loads greater than 2 nF. A snubber network
on the output does not increase the bandwidth, but it does
significantly reduce the amount of overshoot for a given
capacitive load.
L
)
Snubber Network (R , C )
S
S
1 nF
50 Ω, 100 nF
10 nF
20 Ω, 1 μF
100 nF
5 Ω, 10 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com