Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZ85-4-WH. Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DZ85-4-WH.
Description  Automotive relay sockets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DZ85-4-WH. Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DZ85-4-WH. Datasheet HTML 1Page - List of Unclassifed Manufacturers DZ85-4-WH. Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive relay sockets
DZ Series
Page 1 of 2
American Electronic Components Inc., 1101 Lafayette St., Elkhart, IN 46516
Toll Free: (888) 847-6552, Tel: (574)-295-6330
www.aecsensors.com
1.265 [32.13]
.903 [22.94]
.967 [24.56]
1.147 [29.12]
.206 [5.23]
.761 [19.33]
.729 [18.53]
.632 [16.05]
.319 [8.12]
.292 [7.43]
.697 [17.72]
DZ85-4-WH 4 Pin Cable Socket for 80 & 100 Amp Relays. Load Terminals 3/8", Coil Terminals 1/4" - Not Included.
Construction: Heat stabilized Thermoplastic. 130’C continuous use.
The DZ85-WH Housings are designed to be used with industry standard terminals - not included.
Typical suitable Terminals:
FCI Automotive
JW-1230-2
12-14 AWG
1/4” Blade
FCI Automotive
JW-1630-2
16-18 AWG
1/4” Blade
AMP
42100
14-18 AWG
1/4” Blade
AMP
42281
14-18 AWG
1/4” Blade
AMP
42904
12-16 AWG
1/4” Blade
AMP
60249
12-16 AWG
1/4” Blade
AMP
280756-4
10-12 AWG
3/8” Blade
DZ85AB-5-WH1 5 Pin Cable Socket for 40 & 60 Amp Relays. All Terminals 1/4" - Not Included.
.945 [24.00]
.815 [20.70]
.905 [22.99]
1.043 [26.49]
1.200 [30.48]
1.420 [36.07]
.080 [2.03]
1.300 [33.02]
1.410 [35.81]
1.085 [27.56]
.235 [5.97]
.543 [13.79]
.470 [11.94]
.214 [5.44] DIA.
MADE IN USA
DZ85AB-5-WH2 5 Pin Cable Socket 40 & 60 Amp Relays. All Terminals 1/4" - Not Included.


Similar Part No. - DZ85-4-WH.

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DZ80 DCD-DZ80 Datasheet
130Kb / 3P
8-bit Microprocessor
logo
Infineon Technologies A...
DZ800S17K3 INFINEON-DZ800S17K3 Datasheet
253Kb / 5P
IGBT-Module
2013-10-03 revision:2.2
More results

Similar Description - DZ85-4-WH.

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
41F HONGFA-41F Datasheet
125Kb / 3P
RELAY SOCKETS
49F HONGFA-49F_15 Datasheet
48Kb / 1P
RELAY SOCKETS
118F HONGFA-118F Datasheet
56Kb / 2P
RELAY SOCKETS
13F HONGFA-13F Datasheet
102Kb / 2P
RELAY SOCKETS
118FSOCKETS HONGFA-118FSOCKETS Datasheet
56Kb / 2P
RELAY SOCKETS
41FSOCKETS HONGFA-41FSOCKETS Datasheet
125Kb / 3P
 RELAY SOCKETS
18FFSOCKETS HONGFA-18FFSOCKETS Datasheet
366Kb / 7P
RELAY SOCKETS
14FFSOCKETS HONGFA-14FFSOCKETS Datasheet
140Kb / 5P
RELAY SOCKETS
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
RELAY SOCKETS
logo
Littelfuse
99025 LITTELFUSE-99025 Datasheet
173Kb / 1P
RELAY SOCKETS
092016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com