Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-237 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # CXP-237
Description  MIXERS SUB-HARMONIC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

CXP-237 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  CXP-237 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ 57 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
MIXERS
SUB-HARMONIC
MIXERS
SUB-HARMONIC
NOTES:
1.
1dB Compression Point = -7 dBm (Typ.)
2.
IP3 (Input) = +4 dBm (Typ.)
3.
Maximum Input Power without damage = 100 mW ave. cw
EXCELLENT L.O. REJECTION
LO = +7 dBm
SURFACE MOUNT
159
280-800
140-400
DC-100
11.5/13.5
17.0/26
45/33
30/22
159
1
XLD-K1
280-800
140-400
DC-100
11.5/13.5
17.0/26
45/33
30/22
134J
1
XMZ-K1
500-1800
250-900
DC-200
11.5/14.5
17.0/26
40/30
25/18
159
1
XLD-K2
500-1800
250-900
DC-200
11.5/14.5
17.0/26
40/30
25/18
134J
1
XMZ-K2
800-2400
400-1200
DC-300
12.5/16.5
18.0/27
30/25
25/16
159
1
XLD-K3
800-2400
400-1200
DC-300
12.5/16.5
18.0/27
30/25
25/16
134J
1
XMZ-K3
900-2400
450-1200
DC-300
12.5/16.5 18.0/24
30/25
25/16
120
2
CXP-237
900-2400
450-1200
DC-300
12.5/16.5 18.0/24
30/25
25/16
106
3
CXP-337
900-2400
450-1200
DC-300
12.5/16.5 18.0/24
30/25
25/16
108
2
CXP-437
THROUGH HOLE
EVEN-HARMONIC MIXERS
An even-harmonic mixer will, by its inherent design, convert
the fundamental input L.O. frequency into its even harmonics
(m=2,4 or 8 etc.). These even harmonics will mix with the
fundamental R.F. frequency to basically produce m L.O. ±
R. F. mixing results. Synergy specifies the 2 L.O. and 4 L.O.
mixing products, as the higher L.O. even harmonics result in
much higher conversion losses. The best conversion loss is
achieved at the 2 L.O. x 1 R.F. mixing condition.
These models allow for lower frequency local oscillators to be
used, therefore reducing costs.
120
108
106
MODEL
PACKAGE
TYP/MIN
TYP/MIN
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF
LO
IF
2LO-RF
TYP/MAX
4LO-RF
TYP/MAX
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PIN OUT
MODEL
PACKAGE
TYP/MIN
TYP/MIN
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF
LO
IF
2LO-RF
TYP/MAX
4LO-RF
TYP/MAX
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PIN OUT
PIN-OUT TABLE
RF
LO
IF
GND
No Conn.
#1
4
1
5
2,3,6
--
#2
1
3
8
2,5,6,7
4
#3
1
2
4
3
--
GND = Ground externally
For pin location and package outline drawings, see back pages.
134J


Similar Part No. - CXP-237

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP-82220 SONY-CXP-82220 Datasheet
259Kb / 21P
CMOS 8-bit Single Chip Microcomputer
CXP-82224 SONY-CXP-82224 Datasheet
259Kb / 21P
CMOS 8-bit Single Chip Microcomputer
CXP-85112 SONY-CXP-85112 Datasheet
259Kb / 20P
CMOS 8-bit Single-chip Microcomputer
CXP-85112B SONY-CXP-85112B Datasheet
259Kb / 20P
CMOS 8-bit Single-chip Microcomputer
CXP-85116B SONY-CXP-85116B Datasheet
259Kb / 20P
CMOS 8-bit Single-chip Microcomputer
More results

Similar Description - CXP-237

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBHP-N-1-600-10 AAC-JXWBHP-N-1-600-10 Datasheet
112Kb / 1P
Mixers
logo
M/A-COM Technology Solu...
MAMX-011009 MA-COM-MAMX-011009 Datasheet
403Kb / 8P
Sub-Harmonic Pumped Mixer
MAMX-011009 MA-COM-MAMX-011009_15 Datasheet
403Kb / 8P
Sub-Harmonic Pumped Mixer
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6545 AVAGO-AMMC-6545_15 Datasheet
385Kb / 4P
Sub-Harmonic Mixer
logo
United Monolithic Semic...
CHM1290-99F UMS-CHM1290-99F_15 Datasheet
242Kb / 6P
20-30GHz Sub-Harmonic Mixer
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD_15 Datasheet
1Mb / 9P
Sub-harmonic Image Reject Mixer
XR1008-QB MA-COM-XR1008-QB_16 Datasheet
861Kb / 9P
Sub-harmonic, Image Reject Receiver
logo
CRYSTEK CORPORATION
CRBV55CL-0373-0391 CRYSTEKMICROWAVE-CRBV55CL-0373-0391 Datasheet
191Kb / 2P
Harmonic Suppression (2nd Harmonic)
CRBV55CL-0403-0421 CRYSTEKMICROWAVE-CRBV55CL-0403-0421 Datasheet
162Kb / 2P
Harmonic Suppression (2nd Harmonic)
CRBV55CL-0412-0423 CRYSTEKMICROWAVE-CRBV55CL-0412-0423 Datasheet
47Kb / 1P
Harmonic Suppression (2nd Harmonic)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com