Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4931ABD45 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L4931ABD45
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4931ABD45 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L4931ABD45 Datasheet HTML 13Page - STMicroelectronics L4931ABD45 Datasheet HTML 14Page - STMicroelectronics L4931ABD45 Datasheet HTML 15Page - STMicroelectronics L4931ABD45 Datasheet HTML 16Page - STMicroelectronics L4931ABD45 Datasheet HTML 17Page - STMicroelectronics L4931ABD45 Datasheet HTML 18Page - STMicroelectronics L4931ABD45 Datasheet HTML 19Page - STMicroelectronics L4931ABD45 Datasheet HTML 20Page - STMicroelectronics L4931ABD45 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
L4931 SERIES
17/29
ELECTRICAL CHARACTERISTICS OF L4931Cxx55 (refer to the test circuits, TJ = 25°C,
CI =0.1 µF, CO = 2.2 µF unless otherwise specified).
(*) For SO-8 package the maximum limit of load regulation and dropout is increased by 20 mV.
ELECTRICAL CHARACTERISTICS OF L4931ABxx60 (refer to the test circuits, TJ = 25°C,
CI =0.1 µF, CO = 2.2 µF unless otherwise specified).
(*) For SO-8 package the maximum limit of load regulation and dropout is increased by 20 mV.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =5mA
VI = 7.5 V
5.39
5.5
5.61
V
IO =5mA
VI =7.5 V
TA=-25 to 85°C
5.28
5.72
VI
Operating Input Voltage
IO = 250 mA
20
V
Iout
Output Current Limit
300
mA
∆V
O
Line Regulation
VI = 6.3 to 20 V
IO = 0.5 mA
3.521mV
∆V
O(*)
Load Regulation
VI =6.5 V
IO = 0.5 to 250 mA
3
18
mV
Id
Quiescent Current
ON MODE
VI = 6.5 to 20 V
IO = 0 mA
0.61mA
VI = 6.5 to 20 V
IO = 250 mA
4
6
OFF MODE
VI =6 V
50
100
µA
SVR
Supply Voltage Rejection
IO =5mA
VI =7.5 ± 1 V
f = 120 Hz
70
dB
f= 1KHz
67
f= 10 KHz
55
eN
Output Noise Voltage
B =10 Hz to 100 KHz
50
µV
Vd(*)
Dropout Voltage
IO = 250 mA
0.4
0.6
V
IO = 250 mA
TJ= -40 to 125°C
0.8
VIL
Control Input Logic Low
TA= -40 to 125°C
0.8
V
VIH
Control Input Logic High
TA= -40 to 125°C
2
V
II
Control Input Current
VI =6 V,
VC =6V
10
µA
CO
Output Bypass Capacitance ESR = 0.1 to 10
Ω
IO = 0 to 250 mA
2
10
µF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =5mA
VI =8V
5.94
6
6.06
V
IO =5mA
VI =8V
TA=-25 to 85°C
5.88
6.12
VI
Operating Input Voltage
IO = 250 mA
20
V
Iout
Output Current Limit
300
mA
∆V
O
Line Regulation
VI = 6.8 to 20 V
IO =0.5 mA
4
20
mV
∆V
O(*)
Load Regulation
VI =7 V
IO = 0.5 to 250 mA
3
15
mV
Id
Quiescent Current
ON MODE
VI =7 to 20 V
IO = 0 mA
0.8
1.6
mA
VI =7 to 20 V
IO = 250 mA
4.5
7
OFF MODE
VI =6 V
70
140
µA
SVR
Supply Voltage Rejection
IO =5mA
VI =8 ± 1 V
f = 120 Hz
69
dB
f= 1KHz
66
f= 10 KHz
55
eN
Output Noise Voltage
B =10 Hz to 100 KHz
50
µV
Vd(*)
Dropout Voltage
IO = 250 mA
0.4
0.6
V
IO = 250 mA
TJ= -40 to 125°C
0.8
VIL
Control Input Logic Low
TA= -40 to 125°C
0.8
V
VIH
Control Input Logic High
TA= -40 to 125°C
2
V
II
Control Input Current
VI =6 V,
VC =6V
10
µA
CO
Output Bypass Capacitance ESR = 0.1 to 10
Ω
IO = 0 to 250 mA
2
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com