Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP290GP Datasheet(PDF) 3 Page - Analog Devices

Part # OP290GP
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290GP Datasheet(HTML) 3 Page - Analog Devices

  OP290GP Datasheet HTML 1Page - Analog Devices OP290GP Datasheet HTML 2Page - Analog Devices OP290GP Datasheet HTML 3Page - Analog Devices OP290GP Datasheet HTML 4Page - Analog Devices OP290GP Datasheet HTML 5Page - Analog Devices OP290GP Datasheet HTML 6Page - Analog Devices OP290GP Datasheet HTML 7Page - Analog Devices OP290GP Datasheet HTML 8Page - Analog Devices OP290GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
–3–
OP290
ELECTRICAL CHARACTERISTICS (@ V
S =
1.5 V to
15 V, –40 C
≤ TA ≤ +85 C for OP290G, unless otherwise noted.)
OP290G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
200
750
µV
AVERAGE INPUT OFFSET
TCVOS
VS =
±15 V
1.2
µV/°C
VOLTAGE DRIFT
INPUT OFFSET CURRENT
IOS
VCM = 0 V
0.1
7
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
4.2
25
nA
LARGE-SIGNAL
AVO
VS =
±5 V, VO = ±0 V
VOLTAGE GAIN
RL = 100 k
Ω
300
600
V/mV
RL = 10 k
Ω
150
250
V/mV
RL = 2 k
Ω
75
125
V/mV
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
RL = 100 k
Ω
80
160
V/mV
RL = 10 k
Ω
40
90
V/mV
INPUT VOLTAGE RANGE*
IVR
V+ = 5 V, V– = 0 V
0/3.5
V
VS = +15 V
*
–15/+13.5
V
OUTPUT VOLTAGE SWING
VO
VS =
±15 V
RL = 10 k
Ω±13
±14
V
RL = 2 k
Ω±10
±11
V
VOH
V+ = 5 V, V– = 0 V
RL = 2 k
Ω
3.9
4.1
V
VOL
V+ = 5 V, V– = 0 V
RL = 10 k
Ω
10
100
µV
COMMON-MODE
CMR
V+ = 5 V, V– = 0 V,
80
100
dB
REJECTION
0 V < VCM < 3.5 V
VS =
±15 V
–15 V < VCM < 13.5 V
90
110
dB
POWER SUPPLY
PSRR
5.6
15
µV/V
REJECTION RATIO
SUPPLY CURRENT
ISY
VS =
±1.5 V
24
50
µA
(All Amplifiers)
VS =
±15 V
31
60
µA
*
Guaranteed by CMR test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com