Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP113 Datasheet(PDF) 9 Page - Analog Devices

Part # OP113
Description  Low Noise, Low Drift Single-Supply Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP113 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP113 Datasheet HTML 5Page - Analog Devices OP113 Datasheet HTML 6Page - Analog Devices OP113 Datasheet HTML 7Page - Analog Devices OP113 Datasheet HTML 8Page - Analog Devices OP113 Datasheet HTML 9Page - Analog Devices OP113 Datasheet HTML 10Page - Analog Devices OP113 Datasheet HTML 11Page - Analog Devices OP113 Datasheet HTML 12Page - Analog Devices OP113 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OP113/OP213/OP413
Rev. F | Page 9 of 24
12.5
0
125
–50
2.5
7.5
5.0
10.0
100
75
50
25
0
–25
–75
TEMPERATURE (°C)
VS = ±15V
VD = ±10V
RL = 2kΩ
RL = 1kΩ
RL = 600Ω
Figure 17. OP413 Open-Loop Gain vs. Temperature
100
40
–20
20
0
60
80
FREQUENCY (Hz)
90
225
135
180
45
0
θm = 57°
GAIN
PHASE
V+ = 5V
V– = 0V
TA = 25°C
1k
10k
100k
1M
10M
Figure 18. Open-Loop Gain, Phase vs. Frequency @ 5 V
50
30
–20
40
10
20
–10
0
FREQUENCY (Hz)
V+ = 5V
V– = 0V
TA = 25°C
1k
10k
100k
1M
10M
AV = 100
AV = 10
AV = 1
Figure 19. Closed-Loop Gain vs. Frequency @ 5 V
TEMPERATURE (°C)
10
0
125
3
1
–50
2
6
4
5
7
8
9
100
75
50
25
0
–25
–75
RL = 2kΩ
RL = 600Ω
VS = ±15V
VO = ±10V
Figure 20. OP213 Open-Loop Gain vs. Temperature
100
40
–20
20
0
60
80
FREQUENCY (Hz)
90
225
135
180
45
0
GAIN
PHASE
1k
10k
100k
1M
10M
TA = 25°C
VS = ±15V
θm = 72°
Figure 21. Open-Loop Gain, Phase vs. Frequency @ ±15 V
50
30
–20
40
10
20
–10
0
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
1k
10k
100k
1M
10M
AV = 100
AV = 10
AV = 1
Figure 22. Closed-Loop Gain vs. Frequency @ ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com