Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP162GSZ Datasheet(PDF) 14 Page - Analog Devices

Part # OP162GSZ
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP162GSZ Datasheet(HTML) 14 Page - Analog Devices

Back Button OP162GSZ Datasheet HTML 10Page - Analog Devices OP162GSZ Datasheet HTML 11Page - Analog Devices OP162GSZ Datasheet HTML 12Page - Analog Devices OP162GSZ Datasheet HTML 13Page - Analog Devices OP162GSZ Datasheet HTML 14Page - Analog Devices OP162GSZ Datasheet HTML 15Page - Analog Devices OP162GSZ Datasheet HTML 16Page - Analog Devices OP162GSZ Datasheet HTML 17Page - Analog Devices OP162GSZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 14 of 20
AMBIENT TEMPERATURE (
°C)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.1
0.2
0
20
45
70
95
120
14-LEAD SOIC
14-LEAD TSSOP
Figure 37. Maximum Power Dissipation vs. Temperature for
14-Lead Package Types
UNUSED AMPLIFIERS
It is recommended that any unused amplifiers in a dual or a
quad package be configured as a unity-gain follower with a
1 kΩ feedback resistor connected from the inverting input to
the output, and the noninverting input tied to the ground plane.
POWER-ON SETTLING TIME
The time it takes for the output of an op amp to settle after a
supply voltage is delivered can be an important consideration in
some power-up-sensitive applications. An example of this
would be in an A/D converter where the time until valid data
can be produced after power-up is important.
The OPx62 family has a rapid settling time after power-up.
Figure 38 shows the OP462 output settling times for a single-
supply voltage of VS = +5 V. The test circuit in Figure 39 was
used to find the power-on settling times for the device.
10
0%
100
90
500ns
2V
50mV
VS = 5V
AV = 1
RL = 10kΩ
Figure 38. Oscilloscope Photo of VS and VOUT
OP462
VOUT
0 TO +5V
SQUARE
10K
Ω
1
Figure 39. Test Circuit for Power-On Settling Time
CAPACITIVE LOAD DRIVE
The OP162/OP262/OP462 are high speed, extremely accurate
devices that tolerate some capacitive loading at their outputs. As
load capacitance increases, unity-gain bandwidth of an OPx62
device decreases. This also causes an increase in overshoot and
settling time for the output. Figure 41 shows an example of this
with the device configured for unity gain and driving a 10 kΩ
resistor and 300 pF capacitor placed in parallel.
By connecting a series R-C network, commonly called a
“snubber” network, from the output of the device to ground,
this ringing can be eliminated and overshoot can be
significantly reduced. Figure 40 shows how to set up the
snubber network, and Figure 42 shows the improvement in
output response with the network added.
OPx62
VIN
VOUT
RX
CX
CL
5V
Figure 40. Snubber Network Compensation for Capacitive Loads
50mV
1
µs
100
90
10
0%
VS = 5V
AV = 1
CL = 300pF
RL = 10kΩ
Figure 41. A Photo of a Ringing Square Wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com