Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97EP Datasheet(PDF) 9 Page - Analog Devices

Part # OP97EP
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97EP Datasheet(HTML) 9 Page - Analog Devices

Back Button OP97EP Datasheet HTML 5Page - Analog Devices OP97EP Datasheet HTML 6Page - Analog Devices OP97EP Datasheet HTML 7Page - Analog Devices OP97EP Datasheet HTML 8Page - Analog Devices OP97EP Datasheet HTML 9Page - Analog Devices OP97EP Datasheet HTML 10Page - Analog Devices OP97EP Datasheet HTML 11Page - Analog Devices OP97EP Datasheet HTML 12Page - Analog Devices OP97EP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OP97
Rev. F | Page 9 of 16
80
60
40
20
0
–20
90
135
180
225
–40
–60
10M
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN
PHASE
TA = +125°C
TA = –55°C
TA = +125°C
TA = –55°C
VS = ±15V
CL = 20pF
RL = 1MΩ
100pF OVERCOMPENSATION
Figure 20. Open-Loop Gain, Phase vs. Frequency (COC = 0 pF)
10
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
FREQUENCY (Ω)
AVCL = 100
AVCL = 10
AVCL = 1
TA = 25°C
VS = ±15V
RL = 10kΩ
1% THD
VOUT = 3V rms
Figure 21. Total Harmonic Distortion Plus Noise vs. Frequency
70
60
50
40
30
20
10
0
10
100
1k
10k
LOAD CAPACITANCE (pF)
TA = 25°C
VS = ±15V
AVCL = +1
VOUT = 100mV p-p
COC = 0pF
+EDGE
–EDGE
Figure 22. Small Signal Overshoot vs. Capacitive Load
80
60
40
20
0
–20
90
135
180
225
–40
–60
10M
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN
PHASE
TA = +125°C
TA = –55°C
TA = +125°C
TA = –55°C
VS = ±15V
CL = 20pF
RL = 1MΩ
100pF OVERCOMPENSATION
Figure 23. Open-Loop Gain, Phase vs. Frequency (COC = 100 pF)
1
0.1
0.01
0.001
1
10
100
1k
10k
OVERCOMPENSATION CAPACITOR (pF)
TA = +125°C
TA = –55°C
RL = 10kΩ
VS = ±15V
CL = 100pF
Figure 24. Slew Rate vs. Overcompensation
1000
100
10
1
1
10
100
1k
10k
OVERCOMPENSATION CAPACITOR (pF)
TA = +125°C
TA = –55°C
VS = ±15V
CL = 20pF
RL = 1MΩ
AV = 100
Figure 25. Gain Bandwidth Product vs. Overcompensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com